Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR4600 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OBR4600
Description  Easily locate, identify and troubleshoot macro-bends,splices, connectors and breaks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OBR4600 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OBR4600 Datasheet HTML 1Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 2Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 3Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPTICAL BACKSCATTER REFLECTOMETERTM
(Model OBR 4600)
Extended Range Spot Scan Interrogation1
www.lunainc.com
3157 State Street | Blacksburg, VA 24060
solutions@lunainc.com
Support phone: 1.866.586.2682
1
Extended range sensing works best with a low net change in accumulated strain between the unit and the sensing region.
2
Internal wavelength calibration using a NIST-traceable HCN gas cell occurs upon instrument configuration, but may drift with
temperature. Wavelength offset measured at 1550nm. Thermal drift,
ΔT, in degrees Celcius.
3
Based on maximum wavelength range of 3.2 nm.
4
Actual temperature range will be limited by the sensing fiber used.
5
Temperature accuracies are calculated from the wavelength accuracy using the spectral shift of Rayleigh scatter, 1 GHz = 0.8 °C
= 6.
58 µε. [Othonos and K. Kalli, Fiber Bragg Gratings (Artech House, Boston, 1999)].
6
Larger gage lengths may be required to meet noise specifications in the presence of vibration.
PARAMETER
SPECIFICATION
UNITS
Maximum Range
2,000
meters
Spot Scan Size
80
meters
Maximum Wavelength Range
3.2
nm
Time Per Scan
6.5
seconds
2-pt Spatial Resolution
0.25
mm
Wavelength Accuracy2
± 5.0
+ 12*ΔT
pm
Strain Range3
± 1,250
µStrain
Strain Accuracy2,5
± 4.1 + 9.9
*ΔT
µStrain
Temperature Range3,4
± 175
°C
Temperature Accuracy2,5
± 0.5 + 1.2
*ΔT
°C
Minimum Gage Length6
3
cm
Minimum Sensor Spacing
0.6
mm
The
Extended
Range
Interrogation
capability is available on the OBR 4600
with purchase of the extended range
mode and spot scan mode. To perform
strain and temperature measurements,
the distributed sensing option is required
in addition to the above. This capability
extends
strain
and
temperature
measurements up to a range of 2 km for
applications located in a benign vibration
environment.
APPLICATIONS
•
Evaluating spools of Fiber Bragg
Gratings
•
Evaluating optical networks and
devices
•
Strain and temperature at a distance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com