Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC273G-S20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74LVC273G-S20-R
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC273G-S20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74LVC273G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74LVC273
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R126-057 .A
PIN CONFIGURATION
1
2
3
4
5
6
7
17
16
15
14
13
12
11
GND
VCC
MR
Q0
D0
D1
Q1
Q2
Q6
Q5
D5
D4
Q4
CP
8
9
10
D3
Q3
D2
20
19
18
D7
Q7
D6
FUNCTION TABLE
MODE
INPUTS
OUTPUT
INPUT( MR )
CP
Dn
Qn
Reset (clear)
L
X
X
L
Load “ 1 ”
H
↑
h
H
Load “ 0 ”
H
↑
l
L
H = High voltage level;L = Low voltage level;X = Don’t care;↑= LOW-to-HIGH clock transition
h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition
l = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition
LOGIC SYMBOL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com