Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC273G-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC273G-S20-R
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC273G-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC273G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC273
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-057 .A
OCTAL D-TYPE FLIP-FLOP
WITH CLEAR;POSITIVE-EDGE
TRIGGER
DESCRIPTION
The U74LVC273 is a octal D-type Flip-Flop with 3-state outputs,
and it has 8 channels with individual D inputs and Q outputs.
The state of each D input, one set-up time before the
Low-to-High clock transition, is transferred to the corresponding
output (Qn) of the flip-flop.
All outputs will be forced LOW independently of clock or data
inputs by a Low voltage level on the MR input.
The device is useful for applications where the true output only is
required and the clock and master reset are common to all storage
elements.
FEATURES
* Operate From 1.2V to 3.6V
* Inputs Accept Voltages to 5.5 V
* Max tpd of 6.8 ns at 3.3 V
* Ioff Supports Partial-Power-Down Mode Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC273G-S20-R
SOP-20
Tape Reel
MARKING


Similar Part No. - U74LVC273G-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC240G-P20-R UTC-U74LVC240G-P20-R Datasheet
206Kb / 7P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC240G-P20-T UTC-U74LVC240G-P20-T Datasheet
206Kb / 7P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC240G-S20-R UTC-U74LVC240G-S20-R Datasheet
206Kb / 7P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC240G-S20-T UTC-U74LVC240G-S20-T Datasheet
206Kb / 7P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC240 UTC-U74LVC240_15 Datasheet
206Kb / 7P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC273G-S20-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
May-1999
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Jul-2001
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
logo
Diodes Incorporated
74LVC273A DIODES-74LVC273A Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com