Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC273G-S20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC273G-S20-R
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC273G-S20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC273G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC273G-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC273
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-057 .A
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V±0.15V
80
MHz
VCC=2.5V±0.2V
100
MHz
VCC=2.7V
150
MHz
Maximum Clock Pulse
Frequency
fMAX
VCC=3.3V±0.3V
150
230
MHz
VCC=1.2V
18
ns
VCC=1.8V±0.15V
2.5
9.7
19.2
ns
VCC=2.5V±0.2V
1.8
4.9
9.9
ns
VCC=2.7V
1.5
4.5
8.4
ns
Propagation delay from input
(CP) to output(Qn)
tPD
VCC=3.3V±0.3V
1.5
4.1
8.2
ns
VCC=1.2V
18
ns
VCC=1.8V±0.15V
2.4
10.2
20.4
ns
VCC=2.5V±0.2V
1.7
5.2
10.5
ns
VCC=2.7V
1.5
4.7
8.9
ns
Propagation delay from input
( MR ) to output(Qn)
tPHL
VCC=3.3V±0.3V
1.5
4.3
8.7
ns
VCC=1.8V±0.15V
6.0
ns
VCC=2.5V±0.2V
5.0
ns
VCC=2.7V
5.0
1.8
ns
Pulse Width
Clock HIGH or LOW
VCC=3.3V±0.3V
4.0
1.2
ns
VCC=1.8V±0.15V
6.0
ns
VCC=2.5V±0.2V
5.0
ns
VCC=2.7V
5.0
1.7
ns
Pulse Width
Master Reset LOW
tW
VCC=3.3V±0.3V
4.0
1.2
ns
VCC=1.8V±0.15V
2.0
ns
VCC=2.5V±0.2V
2.0
ns
VCC=2.7V
2.0
-1.0
ns
Recovery Time
MR to CP
tREC
VCC=3.3V±0.3V
2.0
-1.0
ns
VCC=1.8V±0.15V
5.0
ns
VCC=2.5V±0.2V
3.5
ns
VCC=2.7V
3.0
1.0
ns
Setup Time
Dn to CP
tSU
VCC=3.3V±0.3V
1.0
0.0
ns
VCC=1.8V±0.15V
3.0
ns
VCC=2.5V±0.2V
2.5
ns
VCC=2.7V
2.0
-2.0
ns
Hold Time
Dn to CP
tH
VCC=3.3V±0.3V
1.0
0.0
ns
Propagation delay
tSK(O)
VCC=3.3V±0.3V
1.0
ns
OPERATING CHARACTERISTICS (f=10MHZ, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V±0.15V
14
pF
VCC=2.5V±0.2V
17.7
pF
Power Dissipation
Capacitance
CPD
VCC=3.3V±0.3V
21
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com