Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM40UD21 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECM40UD21
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40UD21 Datasheet(HTML) 1 Page - XP Power Limited

  ECM40UD21 Datasheet HTML 1Page - XP Power Limited ECM40UD21 Datasheet HTML 2Page - XP Power Limited ECM40UD21 Datasheet HTML 3Page - XP Power Limited ECM40UD21 Datasheet HTML 4Page - XP Power Limited ECM40UD21 Datasheet HTML 5Page - XP Power Limited ECM40UD21 Datasheet HTML 6Page - XP Power Limited ECM40UD21 Datasheet HTML 7Page - XP Power Limited ECM40UD21 Datasheet HTML 8Page - XP Power Limited ECM40UD21 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Approved for Class I and Class II applications, the ECM range of single and multiple output AC-DC, 40-60 W power supplies
from XP feature the world's smallest footprint for units of these ratings. Both are just 2" x 4" (50.8 mm x 101.6 mm) and 1.2"
(30.48 mm) high. Furthermore, these high-density power supplies meet EN55022 Level B conducted emissions with maximum
leakage currents of 100 µA at 115 VAC or 200 µA at 230 VAC. As a result, these switchers are equally suitable for industrial, IT
and medical applications, with no price premium for meeting medical requirements.
The ECM40-60 series have single output versions from 5 V to 48 VDC, adjustable by ±10%, and dual and triple output
versions covering combinations of 3.3 V, 5 V, 12 V, 15 V and 24 V. They are dual-fused for compliance with IEC60601-1 and
efficiency is 80-85%, depending upon the model, so minimal excess heat is generated.
The power supplies deliver full power between 0 °C and +50 °C and will operate at up to +70 °C with derating and only 5
CFM of cooling. Comprehensive overvoltage, overload and short circuit protection is built in. Covers, looms and connector kits
are available.
ECM40-60
•
40 & 60 Watt Models
•
Small Size 2.0”x 4.0”x 1.2”
•
Low Leakage Current
•
Industrial & Medical Approvals
•
Full Load Available Convection Cooled
•
Wide Operating Temperature 0 °C to +70 °C
•
Level B Conducted Emissions
•
EN61000 Compliant
•
Universal AC Input 90-264 VAC
•
Input Frequency 47-63 & 440 Hz
•
Single & Multiple Outputs
•
Cover Kits Available
•
Mating Connector & Loom Kits Available


Similar Part No. - ECM40UD21

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM40UD21 XPPOWER-ECM40UD21 Datasheet
175Kb / 4P
AC-DC Power Supplies
More results

Similar Description - ECM40UD21

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
Convection/Forcedcooled Ratings
logo
Power-One
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
110 W convection cooled, No minimum load required
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
120W Convection-cooled Rating
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
100W Convection Cooled Rating
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
Convection Cooled
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
Rugged Convection Cooled System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com