Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM40UD21 Datasheet(PDF) 3 Page - XP Power Limited

Part # ECM40UD21
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40UD21 Datasheet(HTML) 3 Page - XP Power Limited

  ECM40UD21 Datasheet HTML 1Page - XP Power Limited ECM40UD21 Datasheet HTML 2Page - XP Power Limited ECM40UD21 Datasheet HTML 3Page - XP Power Limited ECM40UD21 Datasheet HTML 4Page - XP Power Limited ECM40UD21 Datasheet HTML 5Page - XP Power Limited ECM40UD21 Datasheet HTML 6Page - XP Power Limited ECM40UD21 Datasheet HTML 7Page - XP Power Limited ECM40UD21 Datasheet HTML 8Page - XP Power Limited ECM40UD21 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
xppower.com
3
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-0
+70
ºC
See derating curves
Storage Temperature
-40
+85
ºC
Cooling
0
CFM
Convection-cooled
Operating Humidity
95
% RH
Non- condensing
Operating Altitude
3000
m
Shock
30
Gpk
Half sine 6 axis
Vibration
2G
5-500 Hz 3 axis
Electromagnetic Compatibility & Immunity
Standard
Test Level
Criteria
Notes & Conditions
Emissions
EN55022
Class B Conducted
EN55022
Class A Radiated
EN60601-1-2
Class B Conducted
Harmonic Currents
EN61000-3-2
Voltage Flicker
EN61000-3-3
ESD Immunity
EN61000-4-2
level 2, performance criteria A
Radiated Immunity
EN61000-4-3
10 V/m, performance criteria A
EFT/Burst
EN61000-4-4
level 2, performance criteria A
Surge
EN61000-4-5
level 3, performance criteria A
Conducted Immunity
EN61000-4-6
10 Vrms, performance criteria A
Dips & Interruptions
EN61000-4-11
70% UT : performance criteria A
For 10 ms, 100% load
40% UT : performance criteria B
For 100 ms, 100% load
0% UT : performance criteria B
For 5000 ms, 100% load
Dips & Interruptions
EN61000-4-11
(Medical)
70% Ut, performance criteria A
For 500 ms, Medical, 100% load
40% Ut, performance criteria A
For 100 ms, Medical, 60% load
0% Ut, performance criteria A
For 10 ms, Medical, 100% load
0% Ut, performance criteria B
For 5000 ms, Medical, 100% load
Safety Approvals
Safety Agency
Safety Standard
Category
CB Report
Certificate # US/12606 & 12607/UL IEC60950-1:2005 Ed 2
Information Technology
UL
UL File #E139109-A62-UL UL60950-1 (2007), CSA 22.2 No.60950-1-07 Ed 2
Information Technology
TUV
TUV Certificate # B08 07 57396 052 & B09 03 57396 058, EN60950-1:2004
Information Technology
CE
LVD
Safety Agency
Safety Standard
Category
CB Report
Certificate #US/18293 & 18269/UL, IEC60601-1 Ed 3 Including Risk Management
Medical
UL
UL File # E146893, ANSI/AAMI ES 60601-1:2005 & CSA C22.2 No. 60601-1:08
Medical
TUV
TUV Certificate # B12 01 57396 125, EN60601-1:2006
Medical
Equipment Protection
Class
Safety Standard
Notes & Conditions
Class I & Class II
IEC60950-1:2005 Ed 2 & IEC60601-1 Ed 3
See safety agency conditions of
acceptability for details
Means of Protection
Category
Primary to Secondary
1 x MOPP (Means of Patient Protection) Contact Sales for 2 x MOPP
IEC60601-1 Ed 3
Primary to Earth
1 x MOPP (Means of Patient Protection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com