Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM40UD21 Datasheet(PDF) 21 Page - XP Power Limited

Part # ECM40UD21
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40UD21 Datasheet(HTML) 21 Page - XP Power Limited

Back Button ECM40UD21 Datasheet HTML 13Page - XP Power Limited ECM40UD21 Datasheet HTML 14Page - XP Power Limited ECM40UD21 Datasheet HTML 15Page - XP Power Limited ECM40UD21 Datasheet HTML 16Page - XP Power Limited ECM40UD21 Datasheet HTML 17Page - XP Power Limited ECM40UD21 Datasheet HTML 18Page - XP Power Limited ECM40UD21 Datasheet HTML 19Page - XP Power Limited ECM40UD21 Datasheet HTML 20Page - XP Power Limited ECM40UD21 Datasheet HTML 21Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
xppower.com
Thermal Considerations
Component
Maximum Temperature
L1
110 °C
T1
110 °C
CR2
120 °C
C17
95 °C
Mechanical Details - Multi Output Models
4X ø0.156 [3.96] mounting holes
ø0.312 [7.92] clearance top and bottom
SMD component height
C17
CR2
L1
T1
0.25 (6.35) Faston ground tab
1.20 (30.5)
0.14 [3.5]
4.50 (114.3)
2.50
(63.5)
2.25
(57.15)
4.25 (107.95)
J2
1
1
2
12
J1
Weight: approx. 0.4 lb (180g)
Cover dimensions are 4.98 x 3.01 x 1.54 (126.5 x 76.4 x 39.0)
Output Connector J2
Pin
Multi
1
+V1
2
+V1
3
+V1
4
+V1
5
RTN
6
RTN
7
RTN
8
RTN
9
+V2
10
+V2
11
±V3
12
-V4
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Cable harnessess with 300mm wire available. For multi output models (dual and triple output only), order part number ECM100DT LOOM.
3. Mating connector kit available. Order part number ECM100 CONKIT.
4. Covers available. Order part number ECM100 COVER.
Input Connector J1
Pin 1
Line
Pin 2
Neutral
J1 mates with Molex housing 43061-0003
and Molex series 5194 crimp terminals.
Ground (0.25 faston) tab standard.
To ensure correct and reliable operation of the PSU, the temperature of the components listed in the table below must not be exceeded. See
mechanical details for component locations.
J2 mates with Molex Housing 43061-0012
and Molex series 5194 crimp terminals
23-Sept-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com