Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2011G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB2011G-S08-R
Description  Charge Termination by Minimum Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2011G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UB2011G-S08-R Datasheet HTML 1Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 2Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 3Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 4Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 5Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 6Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UB2011
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R121-028 .a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3.0 ~ 7.0
V
Input Voltage
VIN
7
V
Open Drain Input Voltage
VOC
30
V
Input Offset Voltage
VIO
10
mV
Input Offset Current
IIO
500
nA
Junction Temperature
TJ
-25 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNIT
Constant Voltage Comparison
VREF
2.65
2.70
2.75
V
Constant Current Charging Current
ICONST
210mV/Rs 235mV/Rs 260mV/Rs
mA
Trickle Charge Current
IPRE
11mV/Rs 23mV/Rs 35mV/Rs
mA
Charging and Judging Current
IFULL
1mV/Rs 23mV/Rs 35mV/Rs
mA
Control Drive Current
IDRC
50
100
mA
LED Drive Current
ILED
10
mA
LED Flicker Frequency
FLED
0.5
2
Hz
Trickle Charge Voltage
VLV
0.9
1.0
1.1
V
Suspended Judgment
Voltage
0.9VDD
V
Over Temperature
Voltage
0.1VDD
V
Temperature End
Current Judgment Mode
VVT
0.01VDD
V
Supply Current
IS
350
μA
INDICATOR LIGHT DISPLAY LOGIC
STATE
POWER ON
NO BATTERY
(TEMPERATURE)
NO BATTERY
(CURRENT)
NORMAL
CHARGE
BATTERY
FULL
FAULT
LED
1KHz Output for
about 1S
H
H
L
H
L+H Resistance
Alternating Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com