Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2011G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UB2011G-S08-R
Description  Charge Termination by Minimum Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2011G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UB2011G-S08-R Datasheet HTML 1Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 2Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 3Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 4Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 5Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 6Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UB2011
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R121-028 .a
OPERATION
The UTC UB2011 is a lithium-ion battery charge controller using a constant-current/constant-voltage algorithm
for 1~4 series circuit cells. If the Battery Voltage is less than VMIN, the charger enters trickle charge mode. In this
mode, the UTC UB2011 supplies trickle current charging. When the Battery Voltage rises above VMIN, the charger
enters constant-current mode, where the programmed charge current is supplied to the battery. When the BAT pin
approaches the final float voltage (2.7V), the UTC UB2011 enters constant-voltage mode and the charge current
begins to decrease. The pin LED will turn high when the charge current drops to terminal value, but the charging do
not stop.
An internal thermal feedback loop reduces the programmed charge current if the die temperature attempts to rise
above a preset value. The Charge current will set to 10%ICONST when the pin VT value is less than 10%VDD and
more than 1%VDD. This feature protects the UTC UB2011 from excessive temperature. The charge current can be
set according to typical (not worst-case) ambient temperature with the assurance that the charger will automatically
reduce the current in worst-case conditions.
When the pin VT is used, the value is more than 90%VDD, no battery is tested by the UTC UB2011 and the LED
is off, the value is less than 90%VDD, the UTC UB2011 is normal. When the pin VT is connected to ground, The
LED is green when the battery is full or no battery.
The charge status output has three different states with LED flash: LED red, LED green and red and green
alternately. When the VCC is rising the LED shows red and green alternately (about 1 second).The LED is green
when battery is charging. Once the charge cycle has terminated, The LED turns red. The red is flash when IC was
wrong. No battery, no light. The LED state indicates that the UTC UB2011 is in a charge cycle.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com