Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2011G-S08-R Datasheet (PDF) - Unisonic Technologies

UB2011G-S08-R Datasheet PDF - Unisonic Technologies
Part # UB2011G-S08-R
Download  UB2011G-S08-R Download
File Size   193.13 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description Charge Termination by Minimum Current

UB2011G-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UB2011G-S08-R Datasheet PDF - Unisonic Technologies

Part # UB2011G-S08-R
Download  UB2011G-S08-R Click to download

File Size   193.13 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description Charge Termination by Minimum Current

UB2011G-S08-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UB2011G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012 Datasheet
320Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
UB2012 UTC-UB2012 Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
UB2012 UTC-UB2012 Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012AG-D08-T UTC-UB2012AG-D08-T Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012AG-S08-R UTC-UB2012AG-S08-R Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
More results


Similar Description - UB2011G-S08-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
Charge-Pumps and High-Current OP
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
0.6A maximum peak output current 0.5 A minimum peak output current
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP78073 POWER-LP78073 Datasheet
371Kb / 9P
Fixed Charge Current 700mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
Silicon Touch Technolog...
DM13A-E SITI-DM13A-E Datasheet
787Kb / 23P
Minimum constant-current outputs: 0.3mA
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
Cycle-by-Cycle current limiting
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
2.0 A minimum peak output current
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
logo
Mitsumi Electronics, Co...
MM3746 MITSUMI-MM3746 Datasheet
201Kb / 3P
N channel high side FET drive by charge pump
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com