Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2000DG-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC2000DG-AG6-R
Description  Cycle-by-Cycle current limiting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2000DG-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC2000DG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UC2000D
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R129-019 .a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Voltage
-0.3 ~ 40
V
VDD Zener Clamp Continuous Current
IDD
10
mA
COMP Voltage
VCOMP
-0.3 ~ 7
V
CS Input Voltage
VCS
-0.3~ 7
V
Operating Junction Temperature
TJ
-40 ~ 150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SUPPLY VOLTAGE (VDD) SECTION
Standby Current
IDD_ST
VDD=UVLO (OFF)-0.1V
3
μA
Operation Current
IDD_OP
Operation Supply Current
CS=0V, VDD=18V
3.0
mA
VDD Under Voltage Lockout Enter
UVLO_ON VDD Falling
7.5
8.5
9.5
V
VDD Under Voltage Lockout Exit
UVLO_OFF VDD Rising
13.7 14.7 15.7
V
Over Voltage Protection Threshold
OVP
Ramp VDD Until Gate Shut Down
27.5
V
In Normal Regulation, VDD will be
Regulated to 19.3V
VDD
Ramp VDD Until Comp Voltage
Lower than 2.5V
18.5 19.3 20.5
V
CURRENT SENSE INPUT SECTION
LEB Time
TLEB
300
ns
Over Current Threshold
VTH OC
750
860
970
mV
OCP Propagation Delay
TD OC
110
ns
Input Impedance
ZSENSE IN
40
KΩ
FREQUENCY SECTION
IC Maximum Frequency
Freq MAX
90
95
100
KHz
Frequency Shuffling Range
f/Freq
±6
%
ERROR AMPLIFIER SECTION
DC Gain of EA
Gain
60
dB
Maximum Cable Compensation Current
I_COMP_MAX
VDD=18V, COMP=0V
4
μA
GATE DRIVE SECTION
Output Low Level
VOL
IOUT=10mA
1.2
V
Output High Level
VOH
IOUT=10mA
12.6
V
GATE Clamp Voltage
VClamp
15.5
V
Rsing Edge Time
tR
CL=1nF
350
nS
Falling Edge Time
tF
CL=1nF
55
nS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com