Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2000DG-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC2000DG-AG6-R
Description  Cycle-by-Cycle current limiting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2000DG-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC2000DG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC2000D
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R129-019 .a
HIGH PRECISION LOW COST
MCM POWER SWITCH
DESCRIPTION
The UTC UC2000D is a high performance, high precision and
low cost PWM Power switch for non-isolated buck application. It
combines a dedicated current mode PWM controller and error
amplifier for low component count. UTC UC2000D use UTC
proprietary frequency shuffling technique for EMI performance. And
oscillator with frequency-reduction control is implemented.
The UTC UC2000D has soft start control and protection
function, such as Cycle-by-Cycle current limiting, Over Loading
Protection, Output Short-Circuit Protection, RCS short Protection,
OTP, VDD OVP, and UVLO.
FEATURES
* Power on soft-start
* Load compensation
* Built-in error amplifier
* Oscillator of fixed frequency with frequency-reduction control
* Frequency shuffling for EMI improvement
* Built-in Leading Edge Blanking (LEB)
* Cycle-by-Cycle current limiting
* Over loading protection
* Output short-circuit protection
* VDD Under Voltage Lockout with hysteresis (UVLO)
* VDD OVP
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
UC2000DG-AG6-R
SOT-26
Tape Reel
UC2000DG-AG6-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) AG6: SOT-26
(3) G: Halogen Free and Lead Freee
MARKING


Similar Part No. - UC2000DG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UC2000-30GM-2EP-IO-V15 PF-UC2000-30GM-2EP-IO-V15 Datasheet
955Kb / 8P
Ultrasonic sensor
UC2000-30GM-E6R2-T-V15 PF-UC2000-30GM-E6R2-T-V15 Datasheet
689Kb / 7P
Ultrasonic sensor
UC2000-30GM-E6R2-V15 PF-UC2000-30GM-E6R2-V15 Datasheet
845Kb / 7P
Ultrasonic sensor
UC2000-30GM-E7R2-V15 PF-UC2000-30GM-E7R2-V15 Datasheet
837Kb / 7P
Ultrasonic sensor
UC2000-30GM-IU-R2-V15 PF-UC2000-30GM-IU-R2-V15 Datasheet
505Kb / 5P
Ultrasonic sensor
2016-08-01
More results

Similar Description - UC2000DG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE12140 SUNNYWAY-SWE12140 Datasheet
300Kb / 1P
Deep cycle battery
SWE12330 SUNNYWAY-SWE12330 Datasheet
567Kb / 1P
Deep cycle battery
SWE12400 SUNNYWAY-SWE12400 Datasheet
480Kb / 1P
Deep cycle battery
SWE12440 SUNNYWAY-SWE12440 Datasheet
447Kb / 1P
Deep cycle battery
SWE61800 SUNNYWAY-SWE61800 Datasheet
490Kb / 1P
Deep cycle battery
SWE61900 SUNNYWAY-SWE61900 Datasheet
464Kb / 1P
Deep cycle battery
logo
International Rectifier
IR1153S IRF-IR1153S_15 Datasheet
386Kb / 20P
Cycle by cycle peak current limit
logo
Unisonic Technologies
UD38251G-SH2-R UTC-UD38251G-SH2-R Datasheet
274Kb / 7P
Cycle-by-Cycle Over Current Protection
logo
Maxim Integrated Produc...
MAX20446CEVKIT MAXIM-MAX20446CEVKIT Datasheet
672Kb / 13P
Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 2/21
MAX20446BEVKIT MAXIM-MAX20446BEVKIT Datasheet
1Mb / 14P
Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 1/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com