Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2000DG-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC2000DG-AG6-R
Description  Cycle-by-Cycle current limiting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2000DG-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC2000DG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC2000DG-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UC2000D
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R129-019 .a
OPERATION DESCRIPTION
The UTC UC2000D is a cost effective PWM power switch optimized for off-line non-isolated buck applications
including electrical appliance and linear regulator replacement. It operates in current mode and regulates output
voltage with dedicated features. High integration can afford low cost and component count solution.
Startup Current And Start up Control
Startup current of UTC UC2000D is designed to be very low so that VDD could be charged up above UVLO
threshold and starts up quickly. A large value startup resistor can therefore be used to minimize the power loss in
application.
Operating Current
The Operating current of UTC UC2000D is as low as 3mA. Good efficiency is achieved with the low operating
current together with ‘Muti-mode’ control features.
Oscillator Operation
The switching frequency of UTC UC2000D is internally fixed at 90KHZ~100KHZ No external frequency setting
components are required for PCB design simplification.
At light load or zero load condition, most of the power dissipation in a switching mode power supply is from
switching loss on the MOSFET. The magnitude of power loss is in proportion to the switching frequency. Lower
switching frequency leads to the reduction on the power loss and thus conserves the energy. The switching
frequency is internally adjusted at light load or no load condition. The switch frequency reduces at light/no load
condition to improve the conversion efficiency.
Frequency Shuffling For EMI Improvement
The frequency shuffling (switching frequency modulation) is implemented in UTC UC2000D. The oscillation
frequency is modulated so that the tone energy is spread out. The spread spectrum minimizes the conduction band
EMI and therefore eases the system design.
Built-in Error Amplifier
In UTC UC2000D, on-chip EA (error amplifier) is implemented to regulate output voltage. Through inner resistor
divider, the VDD voltage is detected at inverter input of EA to regulate output voltage.
Load Compensation For Good CV Regulation
In UTC UC2000D, load compensation is implemented to achieve good load regulation. An offset voltage is
generated at inverter input of EA by an internal current flowing into the resister divider. The current is inversely
proportional to the voltage across pin COMP, as a result, it is inversely proportional to the output load current, thus
the output voltage can be compensated specially in zero loading condition. As the load current decreases from
full-load to no-load, the offset voltage at inverter input of EA will increase.
Current Sensing And Leading Edge Blanking
Cycle-by-Cycle current limiting is offered in UTC UC2000D current mode PWM control. The switch current is
detected by a sense resistor into the CS pin. An internal leading edge blanking circuit chops off the sensed voltage
spike at initial external power MOSFET on state so that the external RC filtering on sense input is no longer needed.
The PWM duty cycle is determined by the current sense input voltage and the EA output voltage.
Gate Drive
The internal power MOSFET in UTC UC2000D is driven by a dedicated gate driver for power switch control. Too
weak the gate drive strength results in higher conduction and switch loss of MOSFET while too strong gate drive
compromises EMI.
A good tradeoff is achieved through the built-in totem pole gate design with right output strength control.
Protection Control
Good power supply system reliability is achieved with its rich protection features including Cycle-by Cycle current
limiting (OCP), Over Loading Protection, Over Voltage Protection, Output Short-Circuit Protection and Under Voltage
Lockout on VDD (UVLO).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com