Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT10140 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAT10140
Description  Attenuator DIE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAT10140 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAT10140 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAT10140 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAT10140 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Attenuator DIE
DC - 40 GHz
Rev. V3
MAT10xxx Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Medium Power Handling 2 W CW
 Flat Response from DC to 40 GHz
 Return Loss:
>18 dB DC to 12 GHz
>16 dB 13 to 40 GHz
 Space Saving Footprint:
0.030” x 0.030” (.762 x .762 mm)
 Very Good Stability Over Temperature
(TRC <100 PPM)
 Ground Wrap to Top
(No ground bonding required)
 RoHS* Compliant
Description
These fixed attenuator chips are fabricated using our
state of the art thin film metallization and advanced
photolithography technology.
All devices are available in chip form with a
metalized ground connection on the back. This
ground is wrapped around on the four corners of the
chip so additional ground bonding ribbon is not
required.
The chips may be attached using conductive epoxy
or solder preform. Gold contacts on the input and
output pads make assembly, using standard
bonding equipment, fast and reliable. Custom values
and configuration available on request.
Part Number
Attenuation (dB)
Insertion Loss (dB)
Return Loss (dB)
MAT10010
1
+/-0.30
>18
MAT10020
2
+/-0.30
>18
MAT10030
3
+/-0.30
>18
MAT10040
4
+/-0.30
>18
MAT10050
5
+/-0.30
>18
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Front to back metallization in 4 places
Bonding pad sizes and resistor outline
may differ from value to value.
Electrical Specifications: TA = +25°C
CONTINUED


Similar Part No. - MAT10140

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MAT1-10 3M-MAT1-10 Datasheet
142Kb / 4P
Fire Protection Products 3M??Interam?
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT12 AD-MAT12 Datasheet
271Kb / 12P
Audio, Dual-Matched NPN Transistor
REV. 0
MAT12 AD-MAT12 Datasheet
266Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. A
logo
Glamox
MAT123387 GLAMOX-MAT123387 Datasheet
126Kb / 2P
MATE-SC80 BL IP65 1000HF 830 45°/GL
More results

Similar Description - MAT10140

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KAT-1-D MINI-KAT-1-D Datasheet
290Kb / 4P
Fixed Attenuator Die
KAT-2-D MINI-KAT-2-D Datasheet
262Kb / 4P
Fixed Attenuator Die
KAT-5-D MINI-KAT-5-D Datasheet
266Kb / 4P
Fixed Attenuator Die
KAT-7-D MINI-KAT-7-D Datasheet
258Kb / 4P
Fixed Attenuator Die
KAT-8-D MINI-KAT-8-D Datasheet
267Kb / 4P
Fixed Attenuator Die
KAT-9-D MINI-KAT-9-D Datasheet
259Kb / 4P
Fixed Attenuator Die
YAT-7-D MINI-YAT-7-D Datasheet
177Kb / 5P
Fixed Attenuator Die
YAT-20-D MINI-YAT-20-D Datasheet
177Kb / 5P
Fixed Attenuator Die
YAT-1-D MINI-YAT-1-D Datasheet
176Kb / 5P
Fixed Attenuator Die
YAT-2-D MINI-YAT-2-D Datasheet
177Kb / 5P
Fixed Attenuator Die
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com