Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW2000-200-R Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2000-200-R
Description  SP2T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2000-200-R Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MSW2000-200-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW200x-200
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
1
Features
 Wide Frequency Range: 50 MHz to 6 GHz, in 3
bands
 Surface Mount SP2T Switch in Compact Outline:
8 mm L x 5 mm W x 2.5 mm H
 Higher Average Power Handling than Plastic
Packaged
 MMIC Switches: 125 W CW
 High RF Peak Power: 500 W
 Low Insertion Loss: 0.25 dB
 High IIP3: 65 dBm
 Operates From Positive Voltage Only: 5 V & 28 V
to 125 V
 RoHS* Compliant
Description
The MSW200x-200 series of surface mount silicon
PIN diode SP2T switches handle high power signals
from 50 MHz to 1 GHz (MSW2000), 400 MHz to
4 GHz (MSW2001) and 2 to 6 GHz (MSW2002), in
transmit-receive (TR), active receiver protection and
other applications. This series is manufactured using
a proven hybrid manufacturing process incorporating
high voltage PIN diodes and passive devices
integrated within a ceramic substrate. These low
profile, compact, surface mount components, offer
superior small and large signal performance superior
to that of MMIC devices in QFN packages. The
SP2T switches are designed in an asymmetrical
topology to minimize Tx-Ant loss and maximize Tx-
Rx isolation performance. The very low thermal
resistance (<10ºC/W) of the PIN diodes in these
devices enables them to reliably handle RF incident
power levels of 50 dBm CW and RF peak incident
power levels of 53 dBm in cold switching
applications at TA = 85ºC. The low PIN diode series
resistance (<0.8 Ω), coupled with their long minority
carrier lifetime,(>2 µs), provides input third order
intercept point (IIP3) greater than 65 dBm.
These MSW200x-200 series SP2T switches are
designed to be used in high average and peak
power switch applications, operating from 50 MHz to
6 GHz in three bands, which utilize high volume,
surface mount, solder re-flow manufacturing. These
products are durable and capable of reliably
operating in military, commercial, and industrial
environments.
Ordering Information
Part Number
Package
MSW2000-200-T
tube
MSW2000-200-R
250 or 500 piece reel
MSW2000-200-W
Waffle pack
MSW2001-200-T
tube
MSW2001-200-R
250 or 500 piece reel
MSW2001-200-W
Waffle pack
MSW2002-200-T
tube
MSW2002-200-R
250 or 500 piece reel
MSW2002-200-W
Waffle pack
MSW2000-200-E
RF evaluation board
MSW2001-200-E
RF evaluation board
MSW2002-200-E
RF evaluation board
CS200
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Functional Schematic


Similar Part No. - MSW2000-200-R

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MSW20 ALTECH-MSW20 Datasheet
774Kb / 8P
MS016
logo
M/A-COM Technology Solu...
MSW2010-201 MA-COM-MSW2010-201 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
MSW2010-201-E MA-COM-MSW2010-201-E Datasheet
1Mb / 12P
SP2T PIN Diode Switch
MSW2010-201-R MA-COM-MSW2010-201-R Datasheet
1Mb / 12P
SP2T PIN Diode Switch
MSW2010-201-T MA-COM-MSW2010-201-T Datasheet
1Mb / 12P
SP2T PIN Diode Switch
More results

Similar Description - MSW2000-200-R

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
CDS0912 DAICO-CDS0912 Datasheet
163Kb / 1P
PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
PIN Diode SP2T
logo
Tyco Electronics
MA4AGSW2 MACOM-MA4AGSW2 Datasheet
233Kb / 6P
AlGaAs SP2T PIN Diode Switch
logo
M/A-COM Technology Solu...
MSW201X-201 MA-COM-MSW201X-201 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
MSW203X-203 MA-COM-MSW203X-203 Datasheet
1Mb / 18P
SP2T Limiter PIN Diode Switch
MSW204X-204 MA-COM-MSW204X-204 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
MSW205X-205 MA-COM-MSW205X-205 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
MSWLM2420-242 MA-COM-MSWLM2420-242 Datasheet
936Kb / 12P
SP2T Limiter PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com