Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW2000-200-R Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2000-200-R
Description  SP2T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2000-200-R Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MSW2000-200-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW200x-200
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
3
MSW2002-200 Electrical Specifications: TA = +25°C, PIN = 0 dBm, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
—
GHz
2
—
6
TX-Ant Insertion Loss
Condition 1
dB
—
0.6
0.7
Ant-RX Insertion Loss
Condition 2
dB
—
0.9
1.0
TX-Ant Return Loss
Condition 1
dB
13
15
—
Ant-RX Return Loss
Condition 2
dB
11
13
—
TX-RX Isolation
Condition 1
dB
32
34
—
RX-TX Isolation
Condition 2
dB
11
13
—
TX CW Incident Power1
Condition 1, 1.5:1 Source & Load VSWR
dBm
—
—
50
RX CW Incident Power1
Condition 2, 1.5:1 Source & Load VSWR
dBm
—
—
43
TX Peak Incident Power1
Condition 1, 10 µs Pulse Width, 1% Duty Cycle,
1.5:1 Source & Load VSWR (IL)
dBm
—
—
57
Switching Time2
10% - 90% RF Voltage
µs
—
1.0
1.5
Input IP3
F1 = 500 MHz, F2 = 510 MHz, P1=P2=40 dBm
dBm
60
65
—
1. PIN diode DC reverse voltage to maintain high resistance in the OFF PIN diode is determined by RF frequency, incident power, and VSWR
as well as by the characteristics of the diode. The minimum reverse bias voltage values are provided in this datasheet. The input signal
level applied for small signal testing is approximately 0 dBm.
2. Switching time (50% TTL - 10/90% RF Voltage) is a function of the PIN diode driver performance as well as the characteristics of the
diode. An RC “current spiking network” is used on the driver output to provide a transient current to rapidly remove stored charge from the
PIN diode. Typical component values are: R = 50 to 220 Ω and C = 470 to 1,000 pF. MACOMs MPD2T28125-700 is the recommended PIN
diode driver to interface with the MSW2000-200, MSW2001-200 SP2T and MSW2002-200 switches. Its data sheet is available.
Bias State Conditions:
Transmit State
(TX - ANT in low insertion loss state):
a. B1: -100 mA
b. B2: +100 mA
c. B3: -25 mA, +28 V
d. B4: +25 mA
Small Signal Receive State
(ANT - RX in low insertion loss state):
a. B1: +28 V
b. B2: +100 mA
c. B3: -100 mA, 0 V
d. B4: +28 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com