Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW2000-200-R Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2000-200-R
Description  SP2T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2000-200-R Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MSW2000-200-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2000-200-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW200x-200
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
4
Truth Table
RF Bias Network Component Values
Part #
Frequency (MHz)
Inductors
DC Blocking Capacitors RF Bypass Capacitors
MSW2000-200
50 - 1000
4.7 µH
0.1 µF
0.1 µF
MSW2001-200
400 - 4000
82 nH
27 pF
270 pF
MSW2002-200
2000 - 6000
33 nH
22 pF
33 pF
Evaluation Board Truth Table
Port
J0 - J1
Port
J0 - J2
Bias: B1
Bias: B2
Bias: B3
Bias: B4
Low Loss
Isolation
-100 mA
+100 mA
+25 mA @ +28 V
-25 mA
Isolation
Low Loss
+28 V
+25 mA
-25 mA
+28 V
Port
J0 - J1
Ant Bias (P1-pin 3)
TX Bias (P1-pin 1)
RX Bias (P1-pin 7)
DC Bias (P1-pin 5)
TX-ANT Low Loss &
TX-RX Isolation
+5 V @ +100 mA
0 V @ +100 mA
+28 V @ +25 mA
0 V @ +25 mA
ANT-RX Low Loss &
RX-TX Isolation
+5 V @ +100 mA
+28 V @ 0 mA
0 V @ +100 mA
+28 V @ 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com