Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1412 Datasheet(PDF) 13 Page - Analog Devices

Part # ADGS1412
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADGS1412 Datasheet HTML 9Page - Analog Devices ADGS1412 Datasheet HTML 10Page - Analog Devices ADGS1412 Datasheet HTML 11Page - Analog Devices ADGS1412 Datasheet HTML 12Page - Analog Devices ADGS1412 Datasheet HTML 13Page - Analog Devices ADGS1412 Datasheet HTML 14Page - Analog Devices ADGS1412 Datasheet HTML 15Page - Analog Devices ADGS1412 Datasheet HTML 16Page - Analog Devices ADGS1412 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ADGS1412
Data Sheet
Rev. 0 | Page 12 of 25
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–5
–4
–3
–2
–1
0123
45
VS OR VD (V)
VDD = +5V
VSS = –5V
TA = 125°C
IS = 100mA
TA = 25°C
IS = 190mA
Figure 12. On Resistance vs. VS or VD for Various Current Levels and
Temperatures, ±5 V Dual Supply
1.5
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
0120
100
80
60
40
20
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VBIAS = +10V/–10V
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
ID, IS (ON) + +
ID, IS (ON) – –
Figure 13. Leakage Current vs. Temperature, ±15 V Dual Supply
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0120
80
100
60
40
20
TEMPERATURE (°C)
VDD = +5V
VSS = –5V
VBIAS = +4.5V/–4.5V
ID (OFF) – +
IS (OFF) + –
ID, IS (ON) ++
ID, IS (ON) – –
ID (OFF) + –
IS (OFF) – +
Figure 14. Leakage Current vs. Temperature, ±5 V Dual Supply
9
8
7
6
5
4
3
2
1
0
–1
0120
80
100
60
40
20
TEMPERATURE (°C)
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
ID, IS (ON) ++
ID, IS (ON) – –
VDD = 12V
VSS = 0V
VBIAS = 1V/10V
Figure 15. Leakage Current vs. Temperature, 12 V Single Supply
400
–400
–300
–200
–100
0
100
200
300
–500
–15
–10
–5
0
5
10
15
VS (V)
VDD = +15V, VSS = –15V
VDD = +12V, VSS = 0V
VDD = +5V, VSS = –5V
TA = 25°C
Figure 16. Charge Injection vs. Source Voltage (VS)
350
300
250
200
150
100
50
0
0
120
80
100
60
40
20
–20
–40
TEMPERATURE (°C)
15V DS,
tON
15V DS,
tOFF
5V DS,
tON
5V DS,
tOFF
12V SS,
tON
12V SS,
tOFF
Figure 17. tON/tOFF Time vs. Temperature for Single Supply (SS) and
Dual Supply (DS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com