Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1412 Datasheet(PDF) 2 Page - Analog Devices

Part # ADGS1412
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412 Datasheet(HTML) 2 Page - Analog Devices

  ADGS1412 Datasheet HTML 1Page - Analog Devices ADGS1412 Datasheet HTML 2Page - Analog Devices ADGS1412 Datasheet HTML 3Page - Analog Devices ADGS1412 Datasheet HTML 4Page - Analog Devices ADGS1412 Datasheet HTML 5Page - Analog Devices ADGS1412 Datasheet HTML 6Page - Analog Devices ADGS1412 Datasheet HTML 7Page - Analog Devices ADGS1412 Datasheet HTML 8Page - Analog Devices ADGS1412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ADGS1412* Product Page Quick Links
Last Content Update: 11/01/2016
Comparable Parts
View a parametric search of comparable parts
Evaluation Kits
• ADGS1412 Evaluation Board
Documentation
Data Sheet
• ADGS1412: Serially-Controlled, 1.5 Ω On Resistance High
Voltage, iCMOS, Quad SPST Switch Data Sheet
User Guides
• UG-1067: Evaluation Board for ADGS1412 Serially
Controlled, 1.5 Ω On Resistance, High Voltage, Quad SPST
Switch
Software and Systems Requirements
• ADGS5412 - No-OS Driver
Tools and Simulations
• ADGS1412 IBIS Model
• ADGS1412 SPICE Macro Model
Design Resources
• ADGS1412 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
Discussions
View all ADGS1412 EngineerZone Discussions
Sample and Buy
Visit the product page to see pricing options
Technical Support
Submit a technical question or find your regional support
number
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet. Note: Dynamic changes to
the content on this page does not constitute a change to the revision number of the product data sheet. This content may be
frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com