Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1412 Datasheet(PDF) 16 Page - Analog Devices

Part # ADGS1412
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADGS1412 Datasheet HTML 12Page - Analog Devices ADGS1412 Datasheet HTML 13Page - Analog Devices ADGS1412 Datasheet HTML 14Page - Analog Devices ADGS1412 Datasheet HTML 15Page - Analog Devices ADGS1412 Datasheet HTML 16Page - Analog Devices ADGS1412 Datasheet HTML 17Page - Analog Devices ADGS1412 Datasheet HTML 18Page - Analog Devices ADGS1412 Datasheet HTML 19Page - Analog Devices ADGS1412 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Data Sheet
ADGS1412
Rev. 0 | Page 15 of 25
TEST CIRCUITS
VD
Sx
Dx
VS
A
ID (ON)
Figure 27. On Leakage
Sx
Dx
VS
V1
IDS
RON = V1/IDS
Figure 28. On Resistance
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
D2
S2
S2
VOUT
NETWORK
ANALYZER
RL
50Ω
RL
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
NC
Figure 29. Channel to Channel Crosstalk
OFF ISOLATION = 20 log
VOUT
GND
Sx
Dx
VOUT
NETWORK
ANALYZER
RL
50Ω
50Ω
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 30. Off Isolation
Sx
Dx
VS
A
A
VD
IS (OFF)
ID (OFF)
Figure 31. Off Leakage
GND
Sx
Dx
VOUT
AUDIO PRECISION
RL
110Ω
RS
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 32. THD + Noise
INSERTION LOSS = 20 log
VOUT WITH SWITCH
GND
Sx
Dx
VOUT
NETWORK
ANALYZER
RL
50Ω
50Ω
VS
VS WITHOUT SWITCH
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 33. −3 dB Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com