Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4838 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4838
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM4838 Datasheet HTML 21Page - National Semiconductor (TI) LM4838 Datasheet HTML 22Page - National Semiconductor (TI) LM4838 Datasheet HTML 23Page - National Semiconductor (TI) LM4838 Datasheet HTML 24Page - National Semiconductor (TI) LM4838 Datasheet HTML 25Page - National Semiconductor (TI) LM4838 Datasheet HTML 26Page - National Semiconductor (TI) LM4838 Datasheet HTML 27Page - National Semiconductor (TI) LM4838 Datasheet HTML 28Page - National Semiconductor (TI) LM4838 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Analog Audio LM4838 LLP28 Eval Board
Assembly Part Number: 980011368-100
Revision: A1
Bill of Material
Item Part Number
Part Description
Qty Ref Designator
Remark
1
551011368-001 LM4838 Eval Board PCB etch 001
1
10
482911368-001 LM4838 28L LLP
1
U4
20
151911368-001 Cer Cap 0.068µF 50V 10% 1206
2
CBS1, CBS2
25
152911368-001 Tant Cap 0.1µF 10V 10% Size = A 3216
3
CS1, CS2, CV
26
152911368-002 Tant Cap 0.33µF 10V 10% Size = A 3216 3
Cin1, Cin2, Cin3
27
152911368-003 Tant Cap 1µF 16V 10% Size = A 3216
3
CB, C01, C02
28
152911368-004 Tant Cap 10µF 10V 10% Size = C 6032
1
CS3
29
152911368-005 Tant Cap 220µF 16V 10% Size = D 7343 2
Cout1, Cout2
30
472911368-001 Res 1.5K Ohm 1/8W 1% 1206
2
RL1, RL2
31
472911368-002 Res 20k Ohm 1/8W 1% 1206
10
Rin1, Rin2, RF1, RF2
Rl1, Rl2, RBS1, RBS2
Rdock1, Rdock2
32
472911368-003 Res 100k Ohm 1/8W 1% 1206
2
RS, RPU
33
472911368-004 Res 200k Ohm 1/16W 1% 0603
2
Rbeep1, Rbeep2
40
131911368-001 Stereo Headphone Jack W/ Switch
1
U2
Mouser # 161-3500
41
131911368-002 Slide Switch
4
Mode, Mute, Gain, SD
Mouser # 10SP003
42
131911368-003 Potentiometer
1
U1
Mouser # 317-290-100K
43
131911368-004 RCA Jack
3
RightIn, BeepIn, LeftIn
Mouser # 16PJ097
44
131911368-005 Banana Jack, Black
3
GND, Right Out-, Left Out- Mouser # ME164-6219
45
131911368-006 Banana Jack, Red
3
Vdd, Right Out+, Left Out+ Mouser # ME164-6218
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com