Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4838 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4838
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4838 Datasheet HTML 8Page - National Semiconductor (TI) LM4838 Datasheet HTML 9Page - National Semiconductor (TI) LM4838 Datasheet HTML 10Page - National Semiconductor (TI) LM4838 Datasheet HTML 11Page - National Semiconductor (TI) LM4838 Datasheet HTML 12Page - National Semiconductor (TI) LM4838 Datasheet HTML 13Page - National Semiconductor (TI) LM4838 Datasheet HTML 14Page - National Semiconductor (TI) LM4838 Datasheet HTML 15Page - National Semiconductor (TI) LM4838 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Typical Performance Characteristics
Output Power vs
Load Resistance
Dropout Voltage
20013362
20013353
Output Power vs
Load Resistance
Output Power vs
Load Resistance
20013306
20013307
Power Supply
Rejection Ratio
Output Power vs
Load Resistance
20013339
20013308
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com