Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4838 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4838
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM4838 Datasheet HTML 28Page - National Semiconductor (TI) LM4838 Datasheet HTML 29Page - National Semiconductor (TI) LM4838 Datasheet HTML 30Page - National Semiconductor (TI) LM4838 Datasheet HTML 31Page - National Semiconductor (TI) LM4838 Datasheet HTML 32Page - National Semiconductor (TI) LM4838 Datasheet HTML 33Page - National Semiconductor (TI) LM4838 Datasheet HTML 34Page - National Semiconductor (TI) LM4838 Datasheet HTML 35Page - National Semiconductor (TI) LM4838 Datasheet HTML 36Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Analog Audio LM4838 TLA36 Board
Bill of Material
Part Description µ
Ω
Qty
Reference Designator
LM4838 TLA36 Evaluation Board PCB
1
P/N: 551011755 - 002 rev A
LM4838ITL
1
U1
Ceramic Capacitor 0.068µF 50V 10%
Size = 1206
2
CBS1, CBS2
Tantalum Capacitor 0.1µF 10V 10%
Size = 1206
3
CS1, CS2, CV
Tantalum Capacitor 0.33µF 10V 10%
Size = 1206
3
CIN1, CIN2, CIN3
Tantalum Capacitor 1.0µF 16V 10%
Size = 1210
4
CS3, CB, CO1, CO2
Tantalum Capacitor 220µF 16V 10%
Size = 7343
2
COUT1, COUT2
Resistor 1.5k
Ω 1/10W 1%
Size = 0805
2
RL1, RL2
Resistor 20k
Ω 1/10W 1%
Size = 0805
10
RIN1, RIN2, RF1, RF2, Rl1, Rl2, RBS1,
RBS2, RDOCK1, RDOCK2
Resistor 100k
Ω 1/10W 1%
Size = 0805
2
RS, RPU
Resistor 120k
Ω 1/10W 1%
Size = 0805
2
RBEEP1, RBEEP2
Resistor 1M
Ω 1/10W 1%
Size = 0805
1RV
Jumper Header Vertical Mount
0.100” spacing
1
J1 (Docking RT LF)
RCA Jack PCB mount
3
J2 (LeftIn), J3 (Beep In), J4 (Right In)
Banana Jack, Black
3
J5B (GND), J6A (Right Out -), J7A (Left Out
-)
Banana Jack, Red
3
J5A (V
DD), J6B (Right Out +), J7B (Left Out
+)
Stereo Headphone Jack W/Switch
1
J8
Single Turn Potentiometer 100k
Ω 20%
1
J9
Jumper Header Vertical Mount
0.100” spacing 3x4
1
Mute, SD, Gain, Mode
Jumper Header Vertical Mount
0.100” spacing 1x3
1DC IN
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com