Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD06122G-K10-3030-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD06122G-K10-3030-R
Description  Stable with Low ESR Output Ceramic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD06122G-K10-3030-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD06122G-K10-3030-R Datasheet HTML 1Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 2Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 3Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 4Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 5Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 6Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 7Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 8Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UD06122
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R115-013 .A
PIN CONFIGURATION
1
2
3
4
5
10
9
8
7
6
GND
EN1
FB1
VIN2
GND2
SW2
SW1
GND1
VIN1
FB2
EN2
(Top View)
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN1
Chip Enable of Channel 1 (Active High). VEN1≤VIN1.
2
FB1
Feedback of Channel 1.
3
VIN2
Power Input of Channel 2.
4
GND2
Ground. The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
5
SW2
6
EN2
Chip Enable of Channel 2 (Active High). VEN2≤VIN2.
7
FB2
Feedback of Channel 2.
8
VIN1
Power Input of Channel 1.
9
GND1
Ground. The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
10
SW1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com