Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD06122G-K10-3030-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD06122G-K10-3030-R
Description  Stable with Low ESR Output Ceramic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD06122G-K10-3030-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD06122G-K10-3030-R Datasheet HTML 1Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 2Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 3Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 4Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 5Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 6Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 7Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 8Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UD06122
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R115-013 .A
ABSOLUTE MAXIMUM RATING (at TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN1 / VIN2
-0.3 ~ 7
V
EN1, FB1, LX1, EN2, FB2 and LX2 Pin Voltage
-0.3 ~ VIN+0.3
V
Power Dissipation
PD
2.2
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
40
°C/W
Junction to Case
θJC
15
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in
2 (Multi-layer). That need connect to exposed
pad.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
2.5 ~ 6.0
V
Junction Temperature Range
TJ
-40 ~ 125
°C
Ambient Temperature Range
TA
-40 ~ 85
°C
Note: The device is not guaranteed to function outside its operating conditions.
ELECTRICAL CHARACTERISTICS (VIN=5V, VEN=5V, VOUT=3.3V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Channel 1 and Channel 2
Input Voltage Range
VIN
(Note1)
2.5
6.0
V
Input UVLO
UVLO
IOUT=0A
1.8
2.2
2.5
V
Input OVLO
OVLO
IOUT=0A
6.0
V
Quiescent Current (per channel)
IQ
IOUT=0mA, VFB=1V
250
350
μA
Shutdown Current
ISD
VEN1=VEN2=0V
0.1
1
μA
Feedback Voltage
VFB
0.588 0.600 0.612
V
Load Regulation
0A<IOUT<1.2A
0.5
%
Line Regulation
2.5V<VIN<5.5V
0.3
%/V
FB Input Current
IFB
VFB=VIN
-50
50
nA
P-Switch RDS (ON)
RDS (ON)_P
IOUT=500mA
0.2
Ω
N-Switch RDS (ON) (Note2)
RDS (ON)_N
IOUT=500mA
0.16
Ω
Low Side Discharger
60
Ω
P-Channel Current Limit
ILIM_P
1.4
2.0
A
EN High-Level Input Voltage
VEN_H
1.5
V
EN Low-Level Input Voltage
VEN_L
0.4
V
Oscillator Frequency
fOSC
LX Pin
1.1
1.5
1.9
MHz
Maximum Duty Cycle
VFB=0.5V
100
%
Thermal Shutdown Temperature
TSD
155
°C
Thermal Shutdown Hysteresis
TSH
30
°C
Notes: 1. VIN 5.5 ~ 6.0V Power on ok, that can’t for Enable on.
2. Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com