Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD06122G-K10-3030-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UD06122G-K10-3030-R
Description  Stable with Low ESR Output Ceramic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD06122G-K10-3030-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UD06122G-K10-3030-R Datasheet HTML 2Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 3Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 4Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 5Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 6Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 7Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 8Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 9Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UD06122
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R115-013 .A
APPLICATION INFORMATION (Cont.)
Thermal Considerations
The maximum power dissipation depends on the thermal resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between junctions to ambient. The maximum power dissipation can
be calculated by following formula:
JA
A
)
MAX
(
J
)
MAX
(
D
θ
/
)
T
-
T
(
P
=
Where TJ (MAX) is the maximum junction temperature, TA is the ambient temperature and the θJA is the junction to
ambient thermal resistance. For recommended operating conditions specification of UTC UD06122 DC/DC converter,
where TJ (MAX) is the maximum junction temperature of the die and TA is the ambient temperature. The junction to
ambient thermal resistance θJA is layout dependent. For TDFN-10 (3x3) packages, the thermal resistance θJA is
60°C/W on the 1 in
2 Multi-layer PCB copper area (The IC exposed pad must be connected to the PCB Copper area)
two-layers thermal test board. The maximum power dissipation at TA=25°C can be calculated by following formula:
package
(3x3)
10
-
TDFN
for
2.2W
)
C/W
45
/(
)
C
25
-
C
125
(
P
)
MAX
(
D
=
°
°
°
=
The maximum power dissipation depends on operating ambient temperature for fixed TJ (MAX) and thermal
resistance θJA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com