Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38501G-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UD38501G-SH2-R
Description  Input Under/Over Voltage Lockout
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38501G-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UD38501G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UD38501
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R115-009.A
TYPICAL APPLICATION CIRCUIT
IN
EN
PDA(GND)
VDD
COMP
BS
SW
LG
FB
UTC
UD38501
VOUT=VFB × (1+R1/R2), VFB= 1.00V, R2 suggest 10k~30kΩ
Input
C17
220µF
50V
C7
10µF
20V
R4
100kΩ
C6
0.1µF
R5
0Ω C5
100nF
L1
33µH
Output
5V 5A
R1
40kΩ
C8
22µF
10V
C2
470µF
10V
R2
10kΩ
C3
3.3nF
R3
15kΩ
C4
0.1µF
Q1
NMOS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com