Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38501G-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UD38501G-SH2-R
Description  Input Under/Over Voltage Lockout
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38501G-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UD38501G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UD38501
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R115-009.A
TYPICAL CHARACTERISTICS
Efficiency Test (VOUT=5V)
Output Current, IOUT (A)
100
80
70
50
40
20
10
0
30
60
90
Input Voltage, VIN (A)
Quiescent Current vs. Input Voltage
Power On
VIN=12V, VOUT=5V, ILOAD=5A
Enoble On
VIN=12V, VOUT=5V, ILOAD=5A
Power On
VIN=12V, VOUT=5V, IOUT=0A
SW
VOUT
VIN
IOUT
SW
VOUT
VIN
IOUT
0
1.0
2.0
5.0
3.5
1.8
1.4
1.0
0.6
0.4
0.2
0.8
1.2
1.6
0
10
20
40
30
Input Voltage, VIN (A)
Load Regulation
5.25
5.20
5.15
5.05
5.00
4.95
4.90
5.10
0
0.3
1.0
4.5
2.5
SW
VOUT
VIN
IOUT
0.5
1.5
4.5
2.5 3.0
515
35
25
0.1
0.4
1.5
3.0
0.2
0.5
2.0
3.5 4.0
5.0
12VIN
24VIN
12VIN
24VIN
4.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com