Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38501G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD38501G-SH2-R
Description  Input Under/Over Voltage Lockout
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38501G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD38501G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38501G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD38501
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R115-009.A
38V 5A SYNCHRONOUS BUCK
CONVERTER
DESCRIPTION
The UTC UD38501 is a monolithic synchronous buck regulator.
The device integrates internal high side and external low side
power MOSFETs, and provides 5A of continuous load current over
a wide input voltage of 8V to 38V. Current mode control provides
fast transient response and cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, provides
a very compact solution with minimal external components.
FEATURES
 
* Wide 8V to 38V Operating Input Range
* Integrated 80mΩ high side Power MOSFET Switches
* Output Adjustable from VFB(1V) to 20V
* Up to 95% Efficiency
* Internal Soft-Start
* Stable with Low ESR Ceramic Output Capacitors
* Fixed 160KHz Frequency
* Cycle-by-Cycle Over Current Protection
* Input Under/Over Voltage Lockout
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UD38501G-SH2-R
HSOP-8
Tape Reel
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
UD38501G-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - UD38501G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD38251G-SH2-R UTC-UD38251G-SH2-R Datasheet
274Kb / 7P
Cycle-by-Cycle Over Current Protection
UD38252G-SH2-R UTC-UD38252G-SH2-R Datasheet
285Kb / 7P
Stable with Low ESR Ceramic Output Capacitors
More results

Similar Description - UD38501G-SH2-R

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
Input under-voltage lockout
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
Input under voltage lockout
logo
Unisonic Technologies
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
Input Under/Over Voltage Lockout
logo
Bel Fuse Inc.
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
Input Under-Voltage Lockout
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
Input Under Voltage Lockout
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
Input Under-Voltage Lockout
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
Input Under-Voltage Lockout Output Over-Voltage Protection
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
Input Under-Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com