Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP1510HTLD Datasheet(PDF) 7 Page - COSMO Electronics Corporation

Part # KP1510HTLD
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510HTLD Datasheet(HTML) 7 Page - COSMO Electronics Corporation

Back Button KP1510HTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 10Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 11Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 7 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Fig.7 Propagation Delay
vs. Forward Current
Fig.8 Propagation Delay
vs. Ambient Temperature
6
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
8
1 0
1 2
1 4
V C C = 3 0 V , V E E = 0 V
R g = 1 0 Ω , C g = 1 0 n F
T P LH
T P HL
1 6
T a = 2 5 °C
D u ty C y cle = 50 %
f = 1 0 K H z
-40
100
200
300
400
500
0
20
TPLH
TPHL
-20
40
60
80
100
VCC = 30V , VEE = 0V
Rg = 10Ω , Cg = 10nF
I = 10mA
Duty Cycle = 50%
f = 10KHz
120
F
Forward Current IF (mA)
Ambient Temperature Ta (℃)
Fig.9 Propagation Delay
vs. Series Load Resistance
Fig.10 Propagation Delay
vs. Load Capacitance
0
100
200
300
400
500
10
20
30
40
TPLH
TPHL
50
VCC = 30V , VEE = 0V
Cg = 10nF , Ta = 25°C
I
= 10m A
D uty C ycle = 50%
f = 10KHz
F
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
2 0
4 0
6 0
8 0
T PLH
T PH L
1 0 0
V C C = 3 0 V , V EE = 0 V
R g = 1 0
Ω , T a = 2 5 °C
I = 1 0 m A
D u ty C y c le = 5 0 %
f = 1 0 K H z
F
Series Load Resistance Rg(Ω)
Load Capacitance Cg( nF)
Test Circuit
Fig.11 Top View
Fig.12 IOPL Measure
4
3
2
1
5
6
7
8
4
3
2
1
5
6
7
8
C1
0.1uF
C2
47uF
+
VCC = 15V to 30V
+
C3
0.1uF
C4
47uF
+
V
VOL
+
Iol
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com