Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP1510HTLD Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KP1510HTLD
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510HTLD Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KP1510HTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 3 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta = 25°C)
Parameter
Symbol
Rating
Unit
Storage temperature
TSTG
-55 to +125
℃
Operating temperature
TOPR
-40 to +115
℃
Junction temperature
TJ
-30 to +125
℃
Lead wave solder temperature
TSOL
260 for 10 Secs
℃
Average input current
IF(AVG)
20
mA
Peak transient forward current
(10)
IF(PEAK)
1
A
Operating frequency
(11)
f
50
KHz
Reverse input voltage
VR
5
V
Peak output current
(1)
IO(PEAK)
2.5
A
Supply voltage
TA≧90°C
VCC -VEE
0 to 35
V
0 to 30
Peak output voltage
VO(PEAK)
0 to VCC
V
Input signal rise and fall time
tR(IN) – tF(IN)
500
ns
Input power dissipation
(2)(4)
PDI
45
mW
Output power dissipation
(3)(4)
PDO
250
mW
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Ambient operating temperature
TA
-40 to +115
℃
Power supply
VCC -VEE
15 to 30
V
Input current (On)
IF(ON)
7 to 16
mA
Input voltage (Off)
VF(OFF)
-3.6 to 0.8
V
Isolation Characteristics
Parameter
Symbol
Rating
Min.
Typ.
Max.
Unit
Input-output isolation voltage
VISO
VA=25 ,R.H.<50%,t
℃
-1.0min,
I1-O≦10uA,50Hz
(5)(6)
5000
—
—
VRMS
Isolation resistance
RISO
V1-O=500V
(5)
10
11
—
—
Ω
Isolation capacitance
CISO
V1-O=0V, Freq=1.0MHz
(5)
—
—
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com