Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP1510HTLD Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KP1510HTLD
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510HTLD Datasheet(HTML) 6 Page - COSMO Electronics Corporation

Back Button KP1510HTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 6 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Fig.1 Forward Current
vs. Forward Voltage
Fig.2 Output Voltage
vs. Forward Current
1 .1
1 .2
1 .3
1 .4
1 .5
1 .6
1 0 0 0
1 0 0
1 0
1 .0
0 .1
0 .0 1
0 .0 0 1
T a = 2 5
°C
0
1
2
3
4
5
0
5
1 0
1 5
2 0
2 5
3 0
Forward Voltage VF (V)
Forward Current IF (mA)
Fig.3 Output High Current
vs. Ambient Temperature
Fig.4 Output High Voltage
vs. Output High Current
-40
-20
0
1.0
1.2
1.4
1.6
1.8
2.0
IF = 7 to 16m A
VOUT = (VCC-2.5V)
VCC = 15 to 30V
VEE = 0V
20
40
60
80
100
120
0
-6
-5
-4
-3
-2
-1
0 .5
1 .0
1 .5
2 .0
2 .5
IF = 7 to 1 6 m A
V C C = 1 5 to 3 0 V
V E E = 0 V
1 1 5
°C
2 5
°C
-3 0
°C
Ambient Temperature Ta (℃)
Output High Current IOH (A)
Fig.5 Output Low Current
vs. Ambient Temperature
Fig.6 Output Low Voltage
vs. Output Low Current
-40
-20
0
1.0
1.2
1.4
1.6
1.8
2.0
VF (OFF) = -3.0 to 0.8V
VOUT = 2.5V
VCC = 15 to 30V
VEE = 0V
20
40
60
80
100
120
0
0
1
2
3
4
0 .5
1 .0
1 .5
2 .0
V F(O F F ) = -3 .0 to 0 .8 V
V C C = 1 5 to 3 0 V
V E E = 0 V
1 1 5
°C
2 5
°C
-3 0
°C
Ambient Temperature Ta (℃)
Output Low Current IOL (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com