Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC03 Datasheet(PDF) 1 Page - XP Power Limited

Part # ISC03
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISC03 Datasheet(HTML) 1 Page - XP Power Limited

  ISC03 Datasheet HTML 1Page - XP Power Limited ISC03 Datasheet HTML 2Page - XP Power Limited ISC03 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISC03 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Input current is typically 5 mA at nominal input voltage when output is remotely
turned off.
3. Maximum capacitive load is per output.
4. For optional water washable version, add suffix ‘-P’ e.g. ISC0324S12-P.
• Regulated Single & Dual Output
• Wide 4:1 Input Range
• Compact SMD Package
• 1500 VDC Isolation
• Operating Temperature -40 °C to +100 °C
• Remote On/Off
• Tape & Reel Package Available
• Optional Water Washable Versions
• 3 Year Warranty
Dimensions:
ISC:
0.94 x 0.71 x 0.32” (24.00 x 18.10 x 8.25 mm)
3 Watt
Input Voltage
Output Voltage
Output Current
Input Current(1,2)
Maximum
Capacitive Load(3)
Efficiency
Model Number(4)
Min
Max
No Load
Full Load
9-36 V
3.3 V
90 mA
600 mA
30 mA
110 mA
220 µF
75%
ISC0324S3V3
5.0 V
90 mA
600 mA
30 mA
160 mA
220 µF
78%
ISC0324S05
12.0 V
38 mA
250 mA
30 mA
156 mA
47 µF
80%
ISC0324S12
15.0 V
30 mA
200 mA
30 mA
156 mA
47 µF
80%
ISC0324S15
24.0 V
19 mA
125 mA
30 mA
156 mA
47 µF
80%
ISC0324S24
±5.0 V
±45mA
±300 mA
30 mA
162 mA
±47 µF
77%
ISC0324D05
±12.0 V
±19 mA
±125 mA
30 mA
156 mA
±47 µF
80%
ISC0324D12
±15.0 V
±15 mA
±100 mA
30 mA
156 mA
±47 µF
80%
ISC0324D15
18-75 V
3.3 V
90 mA
600 mA
20 mA
55 mA
220 µF
75%
ISC0348S3V3
5.0 V
90 mA
600 mA
20 mA
80 mA
220 µF
78%
ISC0348S05
12.0 V
38 mA
250 mA
20 mA
78 mA
47 µF
80%
ISC0348S12
15.0 V
30 mA
200 mA
20 mA
78 mA
47 µF
80%
ISC0348S15
24.0 V
19 mA
125 mA
20 mA
78 mA
47 µF
80%
ISC0348S24
±5.0 V
±45mA
±300 mA
20 mA
81 mA
±47 µF
77%
ISC0348D05
±12.0 V
±19 mA
±125 mA
20 mA
78 mA
±47 µF
80%
ISC0348D12
±15.0 V
±15 mA
±100 mA
20 mA
78 mA
±47 µF
80%
ISC0348D15
16
10 9
17 8
2
Top View
0.60 (15.24)
0.10
(2.54)
0.04
(1.00)
0.12
(3.11)
0.94 (24.00)
0.11
(2.90)
0.10 (2.54)
0.06 (1.60)
0.70 (17.78)
0.31
(8.00)
0.01
(0.25)
0.32±0.02
(8.25±0.5)
0.1 S
S SEATING
PLANE
Mechanical Details


Similar Part No. - ISC03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC030N10NM6 INFINEON-ISC030N10NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC030N12NM6 INFINEON-ISC030N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-02
logo
Inchange Semiconductor ...
ISC030N12NM6 ISC-ISC030N12NM6 Datasheet
375Kb / 3P
isc N-Channel MOSFET Transistor
2023-9-19
logo
Infineon Technologies A...
ISC031N08NM6SC INFINEON-ISC031N08NM6SC Datasheet
1Mb / 15P
MOSFET OptiMOS™ 6 Power ‑Transistor, 80 V
2025-02-17
ISC032N12LM6 INFINEON-ISC032N12LM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-10-12
More results

Similar Description - ISC03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com