Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW3100-301-R Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MSW3100-301-R
Description  SP3T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW3100-301-R Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW3100-301-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW3100-301-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW3100-301-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW3100-301-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW3100-301-R Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW3100-301-R Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MSW3100-301-R Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MSW3100-301-R Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MSW3100-301-R Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SP3T PIN Diode Switch
Rev. V1
MSW310x-310
10
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
10
State 2
In State 2, the path from port J0 to J2 is in its low
insertion loss condition. The path from port J0 to port
J1, and the path from port J0 to port J3, are in their
high isolation states. In State 2, the control voltage
applied to CTL 2 is TTL-logic high, and the control
voltages applied to CTL 1 and CTL 3 are TTL-logic
low, which forward biases the series PIN diode
between the J0 and J2 ports by applying 0 V to the
J2 bias input port (P1-J2), while reverse-biasing the
series diodes connected from port J0 to port J1, and
from port J0 to port J3. The magnitude of the resul-
tant bias current through the forward-biased diode is
primarily determined by the voltage applied to the J0
bias port (P1-J0) (5 V nominal), the magnitude of the
forward voltage across the PIN diode and the
resistance of R1. This current is nominally 100 mA.
At the same time, the shunt PIN diodes connected
between port J1 and B1 and between port J3 and B3
are also forward biased by applying a high bias
voltage, nominally 28 V, to the J1 and J3 bias ports
(P1-J1, P1-J3) and 0 V to the B1 and B3 bias ports
(P1-B2, P1-B3). The magnitudes of the bias currents
through these diodes are primarily determined by
the voltage applied to the J1 and J3 bias ports, the
magnitudes of the forward voltage across each of
the PIN diodes and the resistances of R2 and R5.
These currents are nominally 25 mA each. Under
this condition, the series PIN diodes connected
between the J0 and J1 ports, between the J0 and J3
ports and the shunt diode between J2 and B2 are
each reverse biased.
The reverse bias voltage applied to non-conducting
diodes must be sufficiently large to maintain each
diode in its non-conducting, high impedance state
when a large RF signal voltage may be present. For
example, assume a large RF signal is present in the
J0-to-J2 path. The reverse bias voltage across each
of the series diodes in the other paths is the
arithmetic difference of the bias voltage applied to
the J1 bias port or J3 bias port and the DC forward
voltage of the forward-biased J0-to-J2 series PIN
diode.
State 3
In State 3, the path from port J0 to J3 is in its low
insertion loss condition. The path from port J0 to port
J1, and the path from port J0 to port J2, is in their
high isolation states.
In State 3, the control voltage applied to CTL 3 is
TTL-logic high, and the control voltages applied to
CTL 1 and CTL 2 are TTL-logic low, which forward
biases the series PIN diode between the J0 and J3
ports by applying 0 V to the J3 bias input port (P1-
J3), while reverse-biasing the series diodes con-
nected from port J0 to port J1, and from port J0 to
port J2. The magnitude of the resultant bias current
through the forward-biased diode is primarily
determined by the voltage applied to the J0 bias port
(P1-J0) (5 V nominal), the magnitude of the forward
voltage across the PIN diode and the resistance of
R1. This current is nominally 100 mA.
At the same time, the shunt PIN diodes connected
between port J1 and B1 and between port J3 and B2
are also forward biased by applying a high bias
voltage, nominally 28 V, to the J1 and J2 bias ports
(P1-J1, P1-J2) and 0 V to the B1 and B2 bias ports
(P1-B2, P1-B2). The magnitudes of the bias currents
through these diodes are primarily determined by
the voltage applied to the J1 and J2 bias ports, the
magnitudes of the forward voltage across each of
the PIN diodes and the resistances of R2 and R4.
These currents are nominally 25 mA each. Under
this condition, the series PIN diodes connected be-
tween the J0 and J1 ports, between the J0 and J2
ports and the shunt diode between J3 and B3 are
each reverse biased.
The reverse bias voltage applied to non-conducting
diodes must be sufficiently large to maintain each
diode in its non-conducting, high impedance state
when a large RF signal voltage may be present. For
example, assume a large RF signal is present in the
J0-to-J3 path. The reverse bias voltage across each
of the series diodes in the other paths is the
arithmetic difference of the bias voltage applied to
the J1 bias port or J2 bias port and the DC forward
voltage of the forward-biased J0-to-J3 series PIN
diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com