| Electronic Components Datasheet Search |
|
MSW3100-301-R Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
MSW3100-301-R Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc. |
|
4 / 15 page ![]() SP3T PIN Diode Switch Rev. V1 MSW310x-310 4 4 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support DS-xxxxxxx 4 Minimum Reverse Bias Voltage3: PINC = 125 W CW, Z0 = 50 Ω with 1.5:1 VSWR Part # 20 MHz 100 MHz 200 MHz 400 MHz 1 GHz 4 GHz MSW3100-310 125 V 25 V 85 V 55 V 28 V N/A MSW3101-310 N/A N/A 125 V 85 V 55 V 28 V 3. N/A denotes the switch is not recommended for that frequency band. Where: |VDC| = magnitude of the minimum DC reverse bias voltage |VRF| = magnitude of the peak RF voltage (including the effects of the VSWR) FMHz = lowest RF signal frequency expressed in MHz D = duty factor of the RF signal WMILS = thickness of the diode I layer, expressed in mils (thousands of an inch) R. Caverly and G. Hiller, ―Establishing the Minimum Reverse Bias for a PIN Diode in a High Power Switch, IEEE Transac- tions on Microwave Theory and Techniques, Vol.38, No.12, December 1990 The minimum reverse bias voltage required to maintain a PIN diode out of conduction in the presence of a large RF signal is given by: |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |