Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC4N33LETL Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC4N33LETL
Description  6PIN PHOTODARLINGTON PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC4N33LETL Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC4N33LETL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P21002.2
- 1 -
http://www.cosmo-ic.com
cosmo
KPC4N33 Series
6PIN PHOTODARLINGTON
PHOTOCOUPLER
Description
The
KPC4N33
series
consist
of
an
arsenide
infrared-emitting diode in a 6-pin DIP package and
available in wide-lead spacing and SMD option. The
input-output isolation voltage is rated at 5000 Vrms.
Schematic
2
3
1
5
4
6
1. Anode
2. Cathode
3. NC
4. Emitter
5. Collector
6. Base
Features
1.
Current transfer ratio
( CTR:Min. 500% at IF=1mA VCE=2V )
2.
High isolation voltage between input and output
( Viso:5000Vrms )
3.
Pb free and RoHS compliant
4.
Compact dual-in-line package
5.
MSL class 1
6.
Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
Applications
• Copiers, automatic vending machines
• System appliances, measuring instruments
• Industrial robots
• Telephone sets
• Signal transmission between circuits of different potentials and impedances
• Facsimiles
• Interface with various power supply circuits, power distribution boards
• Numerical control machines


Similar Part No. - KPC4N33LETL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
High Reliability Photocoupler
More results

Similar Description - KPC4N33LETL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K2010 COSMO-K2010_15 Datasheet
289Kb / 11P
6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KPC815 COSMO-KPC815_15 Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com