Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC4N33LETL Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPC4N33LETL
Description  6PIN PHOTODARLINGTON PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC4N33LETL Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPC4N33LETL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P21002.2
- 5 -
http://www.cosmo-ic.com
cosmo
KPC4N33 Series
6PIN PHOTODARLINGTON
PHOTOCOUPLER
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.8 Collector-Emitter Saturation
Voltage vs. Forward Current
-5 5
0
0
5 0
2 5
5 0
1 1 5
7 5
I = 1 m A
V
= 2 V
1 5 0
1 0 0
F
C E
4 . 8
I c = 7 m A
1 . 6
0 . 8
0
0
1 . 6
3 . 2
2 . 4
3 . 2
4 . 0
I c = 3 0 m A
I c = 5 0 m A
I c = 0 . 5 m A
I c = 1 m A
I c = 5 m A
I c = 3 m A
6 . 4
8 . 0
T a = 2 5 ° C
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.9 Collector-emitter Saturation
Voltage vs. Ambient Temperature
Fig.10 Peak Forward Current
vs. Duty Ratio
-55
0
0.2
0.4
0
25
0.6
0.8
1.0
1.2
I =8mA
Ic=2mA
F
75
50
100 115
1.6
1.4
Ta=25°c
10
100
50
0
1000
-3
-2
10
-1
10
1
Pulse width <=100us
10000
Ambient Temperature Ta( ℃)
Duty Ratio
Fig.11 Response Time
vs. Load Resistance
1
0.01
0.1
50
10
2
5
20
V
=10V
Ic =50mA
Ta =25°C
100
200
1000
500
CE
1
10
tf
tr
td
ts
Load Resistance RL (KΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com