Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC4N33LETL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC4N33LETL
Description  6PIN PHOTODARLINGTON PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC4N33LETL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC4N33LETL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC4N33LETL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P21002.2
- 4 -
http://www.cosmo-ic.com
cosmo
KPC4N33 Series
6PIN PHOTODARLINGTON
PHOTOCOUPLER
Fig.1 Current Transfer Ratio
Fig.2 Collector Power Dissipation
vs. Ambient Temperature
vs. Forward Current
T a = 2 5 ° C
0 . 2
0 . 1
4 0 0 0
2 0 0 0
0
5 . 0
2
1 . 0
0 . 5
1 0 0 0 0
6 0 0 0
8 0 0 0
V
= 2 V
C E
1 0
25
0
-55
50
0
100
125
75
50
200
150
250
115
Forward Current IF (mA)
Ambient Temperature Ta (℃)
Fig.3 Collector Dark Current
vs. Ambient Temperature
Fig.4 Forward Current
vs. Ambient Temperature
V
= 1 0 V
1 0 0
1 0
- 3 0
4 0
0
2 0
6 0
8 0
- 8
1 0
- 1 1
5
- 1 0
1 0
1 0
- 9
5
5
5
1 0
5
- 7
1 0
1 0
- 6
- 5
5
C E
1 1 5
60
10
-55
0
20
0
25
30
40
50
50
75
115 125
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.5 Forward Current
vs. Forward Voltage
Fig.6 Collector Current
vs. Collector-Emitter Voltage
1.5
2
1
0
0.5
5
10
1.0
50°C
Ta=75°C
20
50
200
100
2.0
2.5
3.0
0°C
-25°C
25°C
500
I =1mA
20
0
1
40
60
2
F
I =2mA
F
3
4
5
100
140
180
120
160
200
I =15mA
80
F
I =5mA
I =10mA
F
F
Pc (MAX)
Ta =25°C
Forward Voltage VF (V)
Collector-Emitter Voltage VCE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com