Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC6N138HTL Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPC6N138HTL
Description  8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N138HTL Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPC6N138HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51004.2
- 3 -
http://www.cosmo-ic.com
cosmo
KPC6N138 Series
8PIN HIGH-SPEED DARLINGTON OUTPUT
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta = 25°C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
20
mA
*1 Peak forward current
IF
40
mA
*2 Peak transient forward current
IFM
1
A
Reverse voltage
VR
5
V
Power dissipation
PD
35
mW
Output
Supply voltage
Vcc
-0.5 to 7
V
Output voltage
Vo
-0.5 to 7
V
Emitter-Base reverse with-stand voltage (Pin 5 to 7)
VEBO
0.5
V
*3 Average output current
Io
60
mA
Power dissipation
Po
100
mW
*4 Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-40 to +100
℃
Storage temperature
Tstg
-55 to +125
℃
*5 Soldering temperature 10 seconds
Tsol
260
℃
*1 50% duty cycle, pulse width : 1mS
*2 Pulse width<=1uS,300 pulse/sec
*3 Decreases at the rate of 0.7mA/
if the external temperature is 2
℃
5℃ or more
*4 40% to 60% RH, AC for 1 minute
*5 For 10 seconds
Electro-optical Characteristics
(Ta = 25℃)
Parameter
Symbol Conditions
Min.
Typ.
Max. Unit
*6 Current transfer ratio
CTR
IF=1.6mA Vo=0.4V,Vcc=4.5V
300
1600
-
%
Logic (0) output volage
VOL
IF=1.6mA
Io=4.8mA,Vcc=4.5V
–
0.1
0.4
V
Logic (1) output current
IOH
IF=0,Vo=Vcc=7V
-
0.1
250
uA
Logic (0) supply current
ICCL
IF=1.6mA,Vo=open, Vcc=5V
–
0.5
-
mA
Logic (1) supply current
ICCH
IF=0,VO=open, Vcc=5V
-
10
-
nA
Input forward voltage
VF
Ta=25
,I
℃ F=1.6mA
-
1.5
1.7
V
Input forward voltage
temperature coefficient
△
△
VF/
Ta IF=1.6mA
-
-1.9
-
mV/℃
Input reverse voltage
BVR
Ta=25
,I
℃ R=10uA
5.0
-
-
V
Input capacitance
CIN
VF=0,f=1MHz
-
60
-
pF
*7 Leak current(input-output)
II-O
Ta=25
,45% RH
℃
VI-O=3kVDC,t=5s
-
-
1.0
uA
*7 Isolation resistance(input-output)
RI-O
VI-O=500VDC
–
10
12
-
Ω
*7 Capacitance(input-output)
CI-O
f=1MHz
-
0.6
-
pF
*6 Current transfer ratio is the ratio is the ratio of input current and output current expressed in %
*7 Measured as 2-pin element (Short 1,2,3,4 and 5,6,7,8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com