Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC6N138HTL Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPC6N138HTL
Description  8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N138HTL Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPC6N138HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51004.2
- 5 -
http://www.cosmo-ic.com
cosmo
KPC6N138 Series
8PIN HIGH-SPEED DARLINGTON OUTPUT
PHOTOCOUPLER
Fig.1 Forward Current
vs. Forward Voltage
Fig.2 Forward Current
vs. Ambient Temperature
500
1.8
-25°
1.6
1.2
1.0
1.4
20
2
5
10
50°
Ta=75°
C
50
100
200
C
2.4
2.0
2.2
C
C
25°
C
0°
1
1.2
-40
1.1
1.3
-20
0
1.4
1.5
1.6
25
50
75
100
I =1.6mA
F
Forward Voltage VF (V)
Ambient Temperature Ta (℃)
Fig.3 Response and Fall Time
vs. Load Resistance
Fig.4 Current Transfer Ratio
vs. Forward Current
1 0
1
0 .1
tr
0 .5
0 .2
0 .1
1
2
5
1 0
2 0
1 0 0
5 0
I = A D J U S T E D F O R V
= 2 V
T a = 2 5 ° C
tf
F
O L
20
0.1
0.01
400
0
800
5
1
2000
1200
1600
Ta=25°
Vcc=5V
C
Vo=0.4V
10
Load Resistance RL (KΩ)
Forward current IF (mA)
Fig.5 Current Transfer Ratio
vs. Base-Emitter Resistance
Fig.6 Output Current
vs. Output Voltage
1 0 0 0
1 0
1 0 0
0
2 0 0
6 0 0
4 0 0
1 0 0 0
8 0 0
1 4 0 0
1 2 0 0
V o = 0 .4 V
Ic = 2 m A
I = 1 .6 m A
1 8 0 0
1 6 0 0
1
F
0
0
0.2
10
20
0.4 0.6 0.8
1.2
1.0
1.4
1mA
1.8
1.6
4mA
I =5mA
40
30
50
60
Vcc=5V
2mA
C
Ta=25°
3mA
F
Base Resistance RBE (KΩ)
Output Voltage VO (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com