Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC6N138HTL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC6N138HTL
Description  8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N138HTL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC6N138HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N138HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51004.2
- 4 -
http://www.cosmo-ic.com
cosmo
KPC6N138 Series
8PIN HIGH-SPEED DARLINGTON OUTPUT
PHOTOCOUPLER
Switching Characteristics
(Ta=25℃ ,Vcc=5V)
Parameter
Symbol Conditions
Min.
Typ. Max.
Unit
*8 Propagation delay time
Output (1)-->(0)
tPHL
RL=2.2kΩ,IF=1.6mA
-
2
10
uS
*8 Propagation delay time
Output (0)-->(1)
tPLH
RL=2.2kΩ,IF=1.6mA
-
7
35
uS
*9 Instantaneous common
*10 mode rejection voltage
"Output (1)"
CMH
IF=0,VCM=10Vp-p,RL=2.2kΩ
-
500
-
V/uS
*9 Instantaneous common
*10 mode rejection voltage
"Output (0)"
CML
IF=1.6mA,VCM=10Vp-p,RL=2.2kΩ
-
-500
-
V/uS
*9 Instantaneous common mode rejection voltage “ output (1) “ represents
a common mode voltage variation that can hold the output above (1) level ( Vo > 2.0V )
*10 Instantaneous common mode rejection voltage “ output (0) “ represents
a common mode voltage variation that can hold the output above (0) level ( Vo < 0.8V )
*8 Test Circuit Propagation Delay Time
8
7
6
5
I
100Ω
I
monitor
F
= 1/10
Duty ratio
Pulse input
4
3
2
F
1
C =15pF
L
R
L
Vo
Vcc
tPHL
Vo
1.5V
0
F
I
tPLH
1.5V
5V
*10 Test Circuit for Instantaneous Common Mode Rejection Voltage
5
6
7
8
4
FF
V
B
+
VCM
-
I
A
2
3
F
1
RL
Vo
Vcc=5V
F
I =16mA
CM
Vo
L
0.8V
VOL
I =0
F
0V
CM
Vo
H
CM
V
10V
tr
10%
90%
10%
tf
2V
5V
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com