Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3513 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C3513
Description  5V/3.3V 32K x 6 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3513 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C3513 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 2000
AS7C513
AS7C3513
5V/3.3V 32K×16 CMOS SRAM
• AS7C513 (5V version)
• AS7C3513 (3.3V version)
• Industrial and commercial temperature
• Organization: 32,768 words × 16 bits
• Center power and ground pins
•High speed
- 12/15/20 ns address access time
- 5/7/9 ns output enable access time
• Low power consumption: ACTIVE
- 800 mW (AS7C513) / max @ 12 ns
- 432 mW (AS7C3513) / max @ 12 ns
• Low power consumption: STANDBY
- 28 mW (AS7C513) / max CMOS
- 18 mW (AS7C3513) / max CMOS
• 2.0V data retention
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• 44-pin JEDEC standard package
- 400 mil SOJ
- 400 mil TSOP II
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
32K × 16
Array
OE
CE
WE
Column decoder
A0
A1
A2
A3
A4
A5
A7
VCC
GND
Control circuit
I/O0–I/O7
I/O8–I/O15
UB
LB
I/O
buffer
A6
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
I/O13
I/O12
GND
VCC
I/O11
I/O10
I/O9
I/O8
NC
A7
A8
A9
A10
NC
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
GND
I/O4
I/O5
I/O6
I/O7
WE
A14
A13
A12
44-Pin SOJ, TSOP II (400 mil)
21
22
A11
NC
UB
LB
I/O15
I/O14
2
A3
3
A2
4
A1
1
NC
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A5
A6
OE
A4
Shaded areas indicate advance information.
AS7C513-12
AS7C3513-12
AS7C513-15
AS7C3513-15
AS7C513-20
AS7C3513-20
Unit
Maximum address access time
12
15
20
ns
Maximum output enable access time
5
7
9
ns
Maximum operating current
AS7C513
160
150
140
mA
AS7C3513
120
110
100
mA
Maximum CMOS standby current
AS7C513
5
5
5
mA
AS7C3513
5
5
5
mA


Similar Part No. - AS7C3513

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12 ALSC-AS7C3513-12 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12JC ALSC-AS7C3513-12JC Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12TC ALSC-AS7C3513-12TC Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-15 ALSC-AS7C3513-15 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
More results

Similar Description - AS7C3513

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
5V 32K x 16 CMOS SRAM
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
3.3V 32K x 16 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
5V 32K X 8 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com