Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTEL82801 Datasheet(PDF) 89 Page - Intel Corporation

Part # INTEL82801
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

INTEL82801 Datasheet(HTML) 89 Page - Intel Corporation

Back Button INTEL82801 Datasheet HTML 85Page - Intel Corporation INTEL82801 Datasheet HTML 86Page - Intel Corporation INTEL82801 Datasheet HTML 87Page - Intel Corporation INTEL82801 Datasheet HTML 88Page - Intel Corporation INTEL82801 Datasheet HTML 89Page - Intel Corporation INTEL82801 Datasheet HTML 90Page - Intel Corporation INTEL82801 Datasheet HTML 91Page - Intel Corporation INTEL82801 Datasheet HTML 92Page - Intel Corporation INTEL82801 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 414 page
background image
82801AA and 82801AB Datasheet
5-39
Functional Description
5.9.5
Data Frame Format
Table 5-25 shows the format of the data frames. For the PCI interrupts (A-D), the output from the
ICH is ANDed with the PCI input signal. This way, the interrupt can be signaled via both the PCI
interrupt input signal and via the SERIRQ signal (they are shared).
Table 5-25. Data Frame Format
Data
Frame #
Interrupt
Clocks Past
Start Frame
Comment
1
IRQ0
2
Ignored. IRQ0 can only be generated via the internal 8524
2IRQ1
5
3
SMI#
8
Causes SMI# if low. Sets SERIRQ_SMI_STS status bit.
4IRQ3
11
5IRQ4
14
6IRQ5
17
7IRQ6
20
8IRQ7
23
9
IRQ8
26
Ignored. IRQ8# can only be generated internally or on ISA.
10
IRQ9
29
11
IRQ10
32
12
IRQ11
35
13
IRQ12
38
14
IRQ13
41
Ignored. IRQ13 can only be generated from FERR#
15
IRQ14
44
Do not include in BM IDE interrupt logic
16
IRQ15
47
Do not include in BM IDE interrupt logic
17
IOCHCK#
50
Same as ISA IOCHCK# going active.
18
PCI INTA#
53
Drive PIRQA#
19
PCI INTB#
56
Drive PIRQB#
20
PCI INTC#
59
Drive PIRQC#
21
PCI INTD#
62
Drive PIRQD#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com