Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTEL82801 Datasheet(PDF) 16 Page - Intel Corporation

Part # INTEL82801
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

INTEL82801 Datasheet(HTML) 16 Page - Intel Corporation

Back Button INTEL82801 Datasheet HTML 12Page - Intel Corporation INTEL82801 Datasheet HTML 13Page - Intel Corporation INTEL82801 Datasheet HTML 14Page - Intel Corporation INTEL82801 Datasheet HTML 15Page - Intel Corporation INTEL82801 Datasheet HTML 16Page - Intel Corporation INTEL82801 Datasheet HTML 17Page - Intel Corporation INTEL82801 Datasheet HTML 18Page - Intel Corporation INTEL82801 Datasheet HTML 19Page - Intel Corporation INTEL82801 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 414 page
background image
xvi
82801AA and 82801AB
Datasheet
10.2
USB I/O Registers ......................................................................................10-8
10.2.1 USBCMD—USB Command Register ............................................10-8
10.2.2 USBSTA—USB Status Register ..................................................10-11
10.2.3 USBINTR—Interrupt Enable Register..........................................10-12
10.2.4 FRNUM—Frame Number Register..............................................10-12
10.2.5 FRBASEADD—Frame List Base Address ...................................10-13
10.2.6 SOFMOD—Start of Frame Modify Register.................................10-13
10.2.7 PORTSC[0,1]—Port Status and Control Register........................10-14
11
SMBus Controller Registers (D31:F3) .....................................................................11-1
11.1
PCI Configuration Registers (SMBUS—D31:F3)........................................11-1
11.1.1 VID—Vendor Identification Register (SMBUS—D31:F3)...............11-2
11.1.2 DID—Device Identification Register (SMBUS—D31:F3) ...............11-2
11.1.3 CMD—Command Register (SMBUS—D31:F3).............................11-2
11.1.4 STA—Device Status Register (SMBUS—D31:F3) ........................11-3
11.1.5 RID—Revision ID Register (SMBUS—D31:F3).............................11-3
11.1.6 PI—Programming Interface (SMBUS—D31:F3)............................11-3
11.1.7 SCC—Sub Class Code Register (SMBUS—D31:F3)....................11-4
11.1.8 BCC—Base Class Code Register (SMBUS—D31:F3) ..................11-4
11.1.9 HEADTYP—Header Type Register (SMBUS—D31:F3)................11-4
11.1.10 SMB_BASE—SMBus Base Address Register
(SMBUS—D31:F3) ........................................................................11-4
11.1.11 SVID—Subsystem Vendor ID Register (SMBUS—D31:F3) ..........11-5
11.1.12 SID—Subsystem ID Register (SMBUS—D31:F3) .........................11-5
11.1.13 INTR_LN—Interrupt Line Register (SMBUS—D31:F3) .................11-5
11.1.14 INTR_PN—Interrupt Pin Register (SMBUS—D31:F3) ..................11-5
11.1.15 HOSTC—Host Configuration Register (SMBUS—D31:F3) ...........11-6
11.2
SMBus I/O Registers ..................................................................................11-6
11.2.1 HST_STA—Host Status Register ..................................................11-7
11.2.2 HST_CNT—Host Control Register ................................................11-8
11.2.3 HST_CMD—Host Command Register...........................................11-9
11.2.4 XMIT_SLVA—Transmit Slave Address Register ...........................11-9
11.2.5 D0—Data 0 Register......................................................................11-9
11.2.6 D1—Data 1 Register......................................................................11-9
11.2.7 BLOCK_DB—Block Data Byte Register ......................................11-10
12
AC’97 Audio Controller Registers (D31:F5).............................................................12-1
12.1
AC’97 Audio PCI Configuration Space (D31:F5) ........................................12-1
12.1.1 VID—Vendor Identification Register (Audio—D31:F5) ..................12-2
12.1.2 DID—Device Identification Register (Audio—D31:F5)...................12-2
12.1.3 PCICMD—PCI Command Register (Audio—D31:F5) ...................12-2
12.1.4 PCISTA—PCI Device Status Register (Audio—D31:F5)...............12-3
12.1.5 RID—Revision Identification Register (Audio—D31:F5)................12-3
12.1.6 PI—Programming Interface Register (Audio—D31:F5) .................12-3
12.1.7 SCC—Sub Class Code Register (Audio—D31:F5) .......................12-4
12.1.8 BCC—Base Class Code Register (Audio—D31:F5)......................12-4
12.1.9 HEADTYP—Header Type Register (Audio—D31:F5) ...................12-4
12.1.10 NAMBAR—Native Audio Mixer Base Address Register
(Audio—D31:F5) ............................................................................12-5
12.1.11 NABMBAR—Native Audio Bus Mastering Base Address
Register (Audio—D31:F5)..............................................................12-5
12.1.12 SVID—Subsystem Vendor ID Register (Audio—D31:F5)..............12-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com