Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS0151 Datasheet(PDF) 3 Page - International Rectifier

Part # IPS0151
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS0151 Datasheet(HTML) 3 Page - International Rectifier

  IPS0151 Datasheet HTML 1Page - International Rectifier IPS0151 Datasheet HTML 2Page - International Rectifier IPS0151 Datasheet HTML 3Page - International Rectifier IPS0151 Datasheet HTML 4Page - International Rectifier IPS0151 Datasheet HTML 5Page - International Rectifier IPS0151 Datasheet HTML 6Page - International Rectifier IPS0151 Datasheet HTML 7Page - International Rectifier IPS0151 Datasheet HTML 8Page - International Rectifier IPS0151 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IPS0151(S)
www.irf.com
3
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Tsd
Over temperature threshold
—
165
—
oC
See fig. 1
Isd
Over current threshold
20
35
50
A
See fig. 1
Vreset
IN protection reset threshold
1.5
2.3
3
V
Treset
Time to reset protection
2
10
40
µs
Vin = 0V, Tj = 25
oC
EOI_OT
Short circuit energy (see application note)
—
400
—
µJ
Vcc = 14V
Protection Characteristics
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rds(on)
ON state resistance Tj = 25
oC10
20
25
Tj = 150
oC—
35
45
Idss1
Drain to source leakage current
0
0.5
25
Vcc = 14V, Tj = 25
oC
@Tj=25oC
Idss2
Drain to source leakage current
0
5
50
Vcc = 40V, Tj = 25
oC
@Tj=25oC
V clamp 1 Drain to source clamp voltage 1
47
52
56
Id = 20mA (see Fig.3 & 4)
V clamp 2 Drain to source clamp voltage 2
50
55
60
Vin clamp IN to source clamp voltage
7
8.1
9.5
Iin = 1 mA
Vin th
IN threshold voltage
1
1.6
2
Id = 50mA, Vds = 14V
Iin, -on
ON state IN positive current
25
90
200
Vin = 5V
Iin, -off
OFF state IN positive current
50
130
250
Vin = 5V
over-current triggered
Static Electrical Characteristics
(Tj = 25
oC unless otherwise specified.)
m
Ω
Vin = 5V, Ids = 1A
Id=Ishutdown (see Fig.3 & 4)
V
µA
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 3Ω, Rinput = 50Ω, 100us pulse, Tj = 25
oC, (unless otherwise specified).
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Ton
Turn-on delay time
0.05
0.25
0.6
Tr
Rise time
0.2
0.9
1.5
Trf
Time to (final Rds(on) 1.3%)
—
3.8
—
Toff
Turn-off delay time
0.8
1.5
2
Tf
Fall time
0.4
1.1
2
Qin
Total gate charge
—
30
—
nC
Vin = 5V
See figure 2
See figure 2
µs
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com