Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS0151 Datasheet(PDF) 8 Page - International Rectifier

Part # IPS0151
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS0151 Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS0151 Datasheet HTML 4Page - International Rectifier IPS0151 Datasheet HTML 5Page - International Rectifier IPS0151 Datasheet HTML 6Page - International Rectifier IPS0151 Datasheet HTML 7Page - International Rectifier IPS0151 Datasheet HTML 8Page - International Rectifier IPS0151 Datasheet HTML 9Page - International Rectifier IPS0151 Datasheet HTML 10Page - International Rectifier IPS0151 Datasheet HTML 11Page - International Rectifier IPS0151 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IPS0151(S)
8
www.irf.com
Figure 16 - Transient Thermal Imped. (oC/W)
Vs Time (s) - IPS0151/IPS051S
0. 01
0. 1
1
10
100
rth free air TO220, s td
footprint SMD220
rth junction to case =
1.8°C/W
Single pulse
Figure 13 - Max.Cont. Ids (A) Vs Ambient
Temperature (oC)
Figure 15 - Iclamp (A) Vs Inductive Load (mH)
0.1
1
10
100
0.001
0.01
0.1
1
1 0
100
single pulse
100 Hz rth=60°C/W dT=25°C
1kHz
rth=60°C/W dT=25°C
Vbat = 14 V
Tjini = T sd
Figure 14 - Max.Cont. Ids (A) Vs Ambient
Temperature (oC)
1
10
100
T=25°C
T=100°C
Current path capability
should be above this
Load characteristic should
be below this curve
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
-50
0
50
100
150
200
rth = 5°C/W
rth = 15°C/W
SMD220 1'' footprint
SMD220 std. footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com