Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS0151 Datasheet(PDF) 4 Page - International Rectifier

Part # IPS0151
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS0151 Datasheet(HTML) 4 Page - International Rectifier

  IPS0151 Datasheet HTML 1Page - International Rectifier IPS0151 Datasheet HTML 2Page - International Rectifier IPS0151 Datasheet HTML 3Page - International Rectifier IPS0151 Datasheet HTML 4Page - International Rectifier IPS0151 Datasheet HTML 5Page - International Rectifier IPS0151 Datasheet HTML 6Page - International Rectifier IPS0151 Datasheet HTML 7Page - International Rectifier IPS0151 Datasheet HTML 8Page - International Rectifier IPS0151 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IPS0151(S)
4
www.irf.com
Lead Assignments
Part Number
1
2
3
In
D
S
TO-220
IPS0151
2 (D)
D2PAK (SMD220)
IPS0151S
1
3
In D S
2 (D)
Functional Block Diagram
All values are typical
IN
DRAIN
SOURCE
8.1 V
80
µA
47 V
I sense
200 k
Ω
200
Ω
S
Q
R
Q
T > 165°c
I > Isd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com