Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM1 Datasheet(PDF) 9 Page - International Rectifier

Part # IRPLDIM1
Description  Dimming Ballast Control IC Design Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM1 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRPLDIM1 Datasheet HTML 4Page - International Rectifier IRPLDIM1 Datasheet HTML 5Page - International Rectifier IRPLDIM1 Datasheet HTML 6Page - International Rectifier IRPLDIM1 Datasheet HTML 7Page - International Rectifier IRPLDIM1 Datasheet HTML 8Page - International Rectifier IRPLDIM1 Datasheet HTML 9Page - International Rectifier IRPLDIM1 Datasheet HTML 10Page - International Rectifier IRPLDIM1 Datasheet HTML 11Page - International Rectifier IRPLDIM1 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.irf.com
2) Iterate L and C to Fulfill Constraints
To select the ballast output stage inductor and
capacitor, a range of values were input into
equations (2) through (7), which have been sum-
marized in the following table:
Table IV, Ballast parameters for different C values
When compared against the lamp requirements,
a capacitor value of 6.8nF gives a lamp voltage
during pre-heat that exceeds the maximum al-
lowable specified for this lamp type. This can
ignite the lamp before the cathodes have
reached their emission temperature, drastically
reducing lamp life. The pre-heat current can
be reduced to give a lower pre-heat voltage, but
the pre-heat time must then be increased for
proper heating. Also,
is too low, which
will cause the lamp to extinguish at low light lev-
els where the arc current alone is too low to
heat the cathodes. Increasing the capacitor
value to 10nF fulfills the lamp requirements quite
well, even allowing some room in the pre-heat
voltage for the pre-heat current to be increased
and the pre-heat time shortened. During dim-
ming, however, the lamp voltage increases with
decreasing lamp power due to lamp negative
incremental impedance effects. A maximum is
reached around 10% brightness, after which the
lamp voltage decreases as the lamp is further
dimmed. The maximum filament current occurs
at the maximum lamp voltage, which for a ca-
pacitor value of 10nF, is too high and will over-
min
Cath
I
heat the filaments. A capacitor value of 8.2nF
was chosen which fulfills the lamp requirements
without over-heating the cathodes.
3) IR21592 Programmable Inputs
With all of the lamp requirements fulfilled, the
component values for setting the programmable
inputs of the IR21592 are calculated as:
Table V, IR21592 Programmable Inputs for T8/32W lamp.
L
[mH]
2.0
2.0
2.0
C
[nF]
6.8
8.2
10
ph
V
[Vpp]
748
668
592
ph
f
[kHz]
53
49
46
ign
f
[kHz]
49
45
40
ign
I
[App]
1.4
1.5
1.7
max
p
f
[kHz]
49
46
43
min
P
Cath
I
[Arms]
0.32
0.35
0.38
Equation No.
Variable
Value
(8)
%
100
f
46kHz
(8)
%
1
f
58kHz
(9)
%
100
ϕ
-56.12deg
(9)
%
1
ϕ
-89.27deg
(10)
FMIN
R
36kOhm
(11)
CS
R
1.0 Ohm
(12)
IPH
R
22kOhm
(13)
TPH
C
330nF
(14)
MIN
R
27kOhm
(15)
MAX
R
24kOhm
Important Note: These design kits are intended
as a demonstration of the functionality and per-
formance of the IR21592 Dimming Ballast Con-
trol IC only. Adequate EMI filtering, line tran-
sient protection, galvanic dim control input iso-
lation, and ballast and lamp life testing are not
considered in this design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com