Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM1 Datasheet(PDF) 11 Page - International Rectifier

Part # IRPLDIM1
Description  Dimming Ballast Control IC Design Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM1 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRPLDIM1 Datasheet HTML 4Page - International Rectifier IRPLDIM1 Datasheet HTML 5Page - International Rectifier IRPLDIM1 Datasheet HTML 6Page - International Rectifier IRPLDIM1 Datasheet HTML 7Page - International Rectifier IRPLDIM1 Datasheet HTML 8Page - International Rectifier IRPLDIM1 Datasheet HTML 9Page - International Rectifier IRPLDIM1 Datasheet HTML 10Page - International Rectifier IRPLDIM1 Datasheet HTML 11Page - International Rectifier IRPLDIM1 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.irf.com
Figure 6, Normal Run mode, Upper trace: voltage
across RCS, Middle trace: IC2 LO pin voltage,
Lower trace: IC2 HO-VS pin voltage
Figure 7, Normal lamp ignition: Lamp voltage during the
end of Preheat mode, Ignition Ramp mode and the
beginning of the Run mode
During the Preheat mode the over-current protection is disabled. However, at the end of Preheat
mode (the beginning of the Ignition mode) the hard-switching and over-current detection are en-
abled. If at any time thereafter the voltage magnitude across resistor RCS rises above the over-
current threshold (1.6V) of the CS pin of IC2, a lamp fault condition is signaled and the half-bridge
output MOSFETs’, (M2 and M3) are turned off and the ballast goes into Fault mode. This can happen
if the lamp fails to ignite or if the upper filament is open. For failure to ignite the lamp, the current in
the half-bridge increases and thus the voltage across resistor RCS increases above the over-current
threshold signaling a fault. Figure 8 shows the voltage across resistor RCS and the voltage appear-
ing across the lamp when the ballast detects a failure to ignite the lamp and goes into Fault mode.
Figure 9 shows the voltage appearing across the lamp during the tail end of the Preheat mode and
the Ignition mode for a failure of the lamp to ignite condition. If the upper filament is open, the half-
bridge output hard-switches and each time the low side MOSFET (M3) is turned on a large current
pulse occurs and thus a large voltage pulse occurs across resistor RCS signaling a fault, Figure 10
shows this hard-switching condition. Figure 11 shows the lamp voltage during the Preheat mode and
beginning of Ignition Ramp mode for this hard-switching condition when the lamp fault condition is
detected. The ballast will remain in Fault mode until either the line voltage is cycled or a lamp re-
placement is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com