Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM1 Datasheet(PDF) 10 Page - International Rectifier

Part # IRPLDIM1
Description  Dimming Ballast Control IC Design Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM1 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRPLDIM1 Datasheet HTML 4Page - International Rectifier IRPLDIM1 Datasheet HTML 5Page - International Rectifier IRPLDIM1 Datasheet HTML 6Page - International Rectifier IRPLDIM1 Datasheet HTML 7Page - International Rectifier IRPLDIM1 Datasheet HTML 8Page - International Rectifier IRPLDIM1 Datasheet HTML 9Page - International Rectifier IRPLDIM1 Datasheet HTML 10Page - International Rectifier IRPLDIM1 Datasheet HTML 11Page - International Rectifier IRPLDIM1 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.irf.com
Waveforms
Figure 4 shows the voltage appearing across the lamp while Figure 5 shows the current flowing
through the lamp during Startup, Preheat, Ignition and Dim modes.
Figure 4, Lamp voltage during Startup, Preheat,
Ignition and Dim (100%)
Figure 5, Lamp current during Startup, Preheat,
Ignition and Dim (100%) (100mA/div.)
Normal Powerdown
A Normal Powerdown occurs when the AC line voltage is disconnected from the ballast. When this
occurs the voltage on the VDC pin of IC2 drops below the line fault threshold (3V) and IC2 shuts
down in a controlled fashion. The oscillator is stopped, the half-bridge driver outputs (LO and HO)
are turned off and capacitor CPH is discharged. IC2 also goes into its UVLO/micro-power mode and
the bus voltage begins to collapse.
Fault Mode
Fault mode is when the ballast driver is shutdown due to the detection of a lamp fault. Note that when
the ballast is in this Fault mode the power factor correction section of the ballast is also shutdown
and the bus voltage will drop to the non-boosted/unregulated level. There are several lamp fault
conditions which can put the ballast into the Fault mode. The lamp fault conditions detected include:
near/below resonance (under-current) detection, hard-switching detection and over-current detec-
tion. Resistor RCS in the source lead of the low side MOSFET (M3) serves as the current sensing
point for the half-bridge which is used to detect these lamp fault conditions. In operation when the
half-bridge is oscillating, a voltage appears across RCS whenever the low side MOSFET, M3, is
turned on or the high side MOSFET, M2, is turned off. The magnitude of this voltage directly relates
to the current in the lamp resonant circuit. Figure 6 shows the voltage which appears across resistor
RCS during normal Run mode conditions while Figure 14 shows the voltage appearing across the
lamp during the end of Preheat mode, Ignition Ramp mode and the beginning of Run mode. Also
shown in Figure 7 are the gate drive signals for the low side MOSFET (LO pin) and the high side
MOSFET (HO-VS pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com